Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR150 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR150
Description  Axial Lead Rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR150 Datasheet(HTML) 3 Page - ON Semiconductor

  MBR150 Datasheet HTML 1Page - ON Semiconductor MBR150 Datasheet HTML 2Page - ON Semiconductor MBR150 Datasheet HTML 3Page - ON Semiconductor MBR150 Datasheet HTML 4Page - ON Semiconductor MBR150 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MBR150, MBR160
http://onsemi.com
3
THERMAL CHARACTERISTICS
Figure 4. Thermal Response
0.1
0.2
0.5
1.0
2.0
5.0
10
20
50
100
200
500
1 k
2 k
5 k
10 k
0.07
0.05
0.03
0.02
0.01
0.1
t, TIME (ms)
0.7
0.5
0.3
0.2
1.0
ZqJL(t) = ZqJL • r(t)
Ppk
Ppk
tp
t1
TIME
DUTY CYCLE, D = tp/t1
PEAK POWER, Ppk, is peak
of an equivalent square
power pulse.
DTJL = Ppk • RqJL [D + (1 − D) • r(t1 + tp) + r(tp) − r(t1)] where
DTJL = the increase in junction temperature above the lead
temperature r(t) = normalized value of transient thermal resistance
at time, t, from Figure 4, i.e.: r(t) = r(t1 + tp) = normalized value of
transient thermal resistance at time, t1 + tp.
.
Figure 5. Steady−State Thermal Resistance
Figure 6. Typical Capacitance
3/4
0
L, LEAD LENGTH (INCHES)
90
80
60
70
50
VR, REVERSE VOLTAGE (VOLTS)
50
80
0
60
40
30
20
40
30
20
3/8
1/8
1/4
1/2
5/8
7/8
1.0
60
70
10
20
30
40
50
70
80
10
100
200
BOTH LEADS TO HEATSINK,
EQUAL LENGTH
MAXIMUM
TYPICAL
100
90
TJ = 25°C
f = 1 MHz
NOTE 1. — MOUNTING DATA:
Data shown for thermal resistance junction−to−ambient
(RqJA) for the mounting shown is to be used as a typical
guideline values for preliminary engineering or in case the
tie point temperature cannot be measured.
Typical Values for RqJA in Still Air
Mounting
Method
Lead Length, L (in)
RqJA
1/8
1/4
1/2
3/4
1
52
65
72
85
°C/W
2
67
80
87
100
°C/W
3
50
°C/W
NOTE 2. — THERMAL CIRCUIT MODEL:
(For heat conduction through the leads)
TA(A)
TA(K)
TL(A)
TC(A)
TJ
TC(K)
TL(K)
PD
RqS(A)
RqL(A)
RqJ(A)
RqJ(K
)
RqL(K)
RqS(K)


Similar Part No. - MBR150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
Vishay Siliconix
MBR150 VISHAY-MBR150 Datasheet
84Kb / 5P
   Schottky Rectifier, 1 A
Revision: 06-Nov-08
logo
SynSemi, Inc.
MBR150 SYNSEMI-MBR150 Datasheet
36Kb / 2P
   SCHOTTKY BARRIER RECTIFIER DIODES
logo
Pan Jit International I...
MBR150 PANJIT-MBR150 Datasheet
60Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Vishay Siliconix
MBR150 VISHAY-MBR150 Datasheet
120Kb / 6P
   Schottky Rectifier, 1 A
Revision: 20-Sep-11
More results

Similar Description - MBR150

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
logo
ON Semiconductor
MBR835 ONSEMI-MBR835 Datasheet
138Kb / 4P
   Axial Lead Rectifiers
September, 2006 ??Rev. 2
MBR350 ONSEMI-MBR350_06 Datasheet
59Kb / 4P
   Axial Lead Rectifiers
June, 2006 ??Rev. 6
1N5817 ONSEMI-1N5817 Datasheet
75Kb / 7P
   Axial Lead Rectifiers
July, 2006 ??Rev. 10
logo
New Jersey Semi-Conduct...
MBR115P NJSEMI-MBR115P Datasheet
133Kb / 2P
   AXIAL LEAD RECTIFIERS
logo
ON Semiconductor
1N5820 ONSEMI-1N5820 Datasheet
97Kb / 8P
   Axial Lead Rectifiers
June, 2006 ??Rev. 9
MBR350 ONSEMI-MBR350 Datasheet
57Kb / 4P
   Axial Lead Rectifiers
December, 2004 ??Rev. 4
logo
Weitron Technology
SR320 WEITRON-SR320 Datasheet
637Kb / 3P
   Axial Lead Schottky Rectifiers
logo
SiPower Inc.
SPSL20200 SIPOWER-SPSL20200 Datasheet
398Kb / 3P
   Axial Lead Schottky Rectifiers
SPSL15200 SIPOWER-SPSL15200 Datasheet
396Kb / 3P
   Axial Lead Schottky Rectifiers
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com