Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BDX34BG Datasheet(PDF) 4 Page - ON Semiconductor

Part # BDX34BG
Description  Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BDX34BG Datasheet(HTML) 4 Page - ON Semiconductor

  BDX34BG Datasheet HTML 1Page - ON Semiconductor BDX34BG Datasheet HTML 2Page - ON Semiconductor BDX34BG Datasheet HTML 3Page - ON Semiconductor BDX34BG Datasheet HTML 4Page - ON Semiconductor BDX34BG Datasheet HTML 5Page - ON Semiconductor BDX34BG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BDX33B, BDX33C* (NPN) BDX34B, BDX34C* (PNP)
http://onsemi.com
4
0.1
Figure 5. DC Current Gain
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5 0.7 1.0
2.0
10
500
300
TJ = 150°C
25°C
−55 °C
VCE = 4.0 V
200
7.0
NPN
BDX33B, 33C
PNP
BDX34B, 34C
20,000
5000
10,000
3000
2000
1000
3.0
5.0
0.1
IC, COLLECTOR CURRENT (AMP)
0.2 0.3
0.5 0.7 1.0
2.0
10
500
300
TJ = 150°C
25°C
−55 °C
200
7.0
20,000
5000
10,000
3000
2000
1000
3.0
5.0
VCE = 4.0 V
Figure 6. Collector Saturation Region
3.0
IB, BASE CURRENT (mA)
0.3
0.5
1.0
2.0 3.0
5.0 7.0
30
2.6
2.2
1.8
1.4
IC = 2.0 A
TJ = 25°C
4.0 A
6.0 A
1.0
0.7
20
10
3.0
IB, BASE CURRENT (mA)
0.3
0.5
1.0
2.0 3.0
5.0 7.0
30
2.6
2.2
1.8
1.4
IC = 2.0 A
TJ = 25°C
4.0 A
6.0 A
1.0
0.7
20
10
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
Figure 7. “On” Voltages
IC, COLLECTOR CURRENT (AMP)
VBE(sat) @ IC/IB = 250
VCE(sat) @ IC/IB = 250
TJ = 25°C
VBE @ VCE = 4.0 V
VBE @ VCE = 4.0 V
VCE(sat) @ IC/IB = 250
TJ = 25°C
0.1
0.2 0.3
0.5 0.7 1.0
2.0
10
7.0
3.0
5.0
0.1
0.2 0.3
0.5 0.7 1.0
2.0
10
7.0
3.0
5.0
3.0
2.5
2.0
1.5
1.0
0.5
3.0
2.5
2.0
1.5
1.0
0.5


Similar Part No. - BDX34BG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BDX34BG ONSEMI-BDX34BG Datasheet
93Kb / 6P
   Darlington Complementary Silicon Power Transistors
November, 2007 - Rev. 12
BDX34BG ONSEMI-BDX34BG Datasheet
100Kb / 6P
   Darlington Complementary Silicon Power Transistors
November, 2014 ??Rev. 14
More results

Similar Description - BDX34BG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX87C STMICROELECTRONICS-BDX87C Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
SGSD100 STMICROELECTRONICS-SGSD100_03 Datasheet
894Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
October 2003
TIP122FP STMICROELECTRONICS-TIP122FP Datasheet
29Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
TIP140 STMICROELECTRONICS-TIP140 Datasheet
48Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
ON Semiconductor
TIP100 ONSEMI-TIP100 Datasheet
218Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1995 REV 7
MJ11017 ONSEMI-MJ11017 Datasheet
235Kb / 6P
   DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON
1995
logo
STMicroelectronics
BDW83C STMICROELECTRONICS-BDW83C Datasheet
67Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
BDX53B STMICROELECTRONICS-BDX53B Datasheet
80Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
logo
Boca Semiconductor Corp...
2N6298 BOCA-2N6298 Datasheet
184Kb / 4P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com