Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC558CZL1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BC558CZL1
Description  Amplifier Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC558CZL1 Datasheet(HTML) 2 Page - ON Semiconductor

  BC558CZL1 Datasheet HTML 1Page - ON Semiconductor BC558CZL1 Datasheet HTML 2Page - ON Semiconductor BC558CZL1 Datasheet HTML 3Page - ON Semiconductor BC558CZL1 Datasheet HTML 4Page - ON Semiconductor BC558CZL1 Datasheet HTML 5Page - ON Semiconductor BC558CZL1 Datasheet HTML 6Page - ON Semiconductor BC558CZL1 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
BC556B, BC557A, B, C, BC558B, C
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector − Emitter Breakdown Voltage
(IC = −2.0 mAdc, IB = 0)
BC556
BC557
BC558
V(BR)CEO
−65
−45
−30
V
Collector − Base Breakdown Voltage
(IC = −100 mAdc)
BC556
BC557
BC558
V(BR)CBO
−80
−50
−30
V
Emitter − Base Breakdown Voltage
(IE = −100 mAdc, IC = 0)
BC556
BC557
BC558
V(BR)EBO
−5.0
−5.0
−5.0
V
Collector−Emitter Leakage Current
(VCES = −40 V)
BC556
(VCES = −20 V)
BC557
BC558
(VCES = −20 V, TA = 125°C)
BC556
BC557
BC558
ICES
−2.0
−2.0
−2.0
−100
−100
−100
−4.0
−4.0
−4.0
nA
mA
ON CHARACTERISTICS
DC Current Gain
(IC = −10 mAdc, VCE = −5.0 V)
A Series Device
B Series Devices
C Series Devices
(IC = −2.0 mAdc, VCE = −5.0 V)
BC557
A Series Device
B Series Devices
C Series Devices
(IC = −100 mAdc, VCE = −5.0 V)
A Series Device
B Series Devices
C Series Devices
hFE
120
120
180
420
90
150
270
170
290
500
120
180
300
800
220
460
800
Collector − Emitter Saturation Voltage
(IC = −10 mAdc, IB = −0.5 mAdc)
(IC = −10 mAdc, IB = see Note 1)
(IC = −100 mAdc, IB = −5.0 mAdc)
VCE(sat)
−0.075
−0.3
−0.25
−0.3
−0.6
−0.65
V
Base − Emitter Saturation Voltage
(IC = −10 mAdc, IB = −0.5 mAdc)
(IC = −100 mAdc, IB = −5.0 mAdc)
VBE(sat)
−0.7
−1.0
V
Base−Emitter On Voltage
(IC = −2.0 mAdc, VCE = −5.0 Vdc)
(IC = −10 mAdc, VCE = −5.0 Vdc)
VBE(on)
−0.55
−0.62
−0.7
−0.7
−0.82
V
SMALL−SIGNAL CHARACTERISTICS
Current − Gain − Bandwidth Product
(IC = −10 mA, VCE = −5.0 V, f = 100 MHz)
BC556
BC557
BC558
fT
280
320
360
MHz
Output Capacitance
(VCB = −10 V, IC = 0, f = 1.0 MHz)
Cob
3.0
6.0
pF
Noise Figure
(IC = −0.2 mAdc, VCE = −5.0 V,
BC556
RS = 2.0 kW, f = 1.0 kHz, Df = 200 Hz)
BC557
BC558
NF
2.0
2.0
2.0
10
10
10
dB
Small−Signal Current Gain
(IC = −2.0 mAdc, VCE = 5.0 V, f = 1.0 kHz)
BC557
A Series Device
B Series Devices
C Series Devices
hfe
125
125
240
450
900
260
500
900
1. IC = −10 mAdc on the constant base current characteristics, which yields the point IC = −11 mAdc, VCE = −1.0 V.


Similar Part No. - BC558CZL1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC558CZL1 ONSEMI-BC558CZL1 Datasheet
107Kb / 8P
   Amplifier Transistors
June, 2000 ??Rev. 1
More results

Similar Description - BC558CZL1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com