Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BDX33B Datasheet(PDF) 2 Page - ON Semiconductor

Part No. BDX33B
Description  Darlington Complementary Silicon Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

BDX33B Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BDX33B, BDX33C* (NPN) BDX34B, BDX34C* (PNP)
http://onsemi.com
2
80
60
40
20
0
0
20
40
60
80
100
120
140
160
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 100 mAdc, IB = 0)
BDX33B/BDX34B
BDX33C/BDX34C
VCEO(sus)
80
100
Vdc
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 100 mAdc, IB = 0, RBE = 100)
BDX33B/BDX34B
BDX33C/BDX33C
VCER(sus)
80
100
Vdc
Collector−Emitter Sustaining Voltage (Note 1)
(IC = 100 mAdc, IB = 0, VBE = 1.5 Vdc)
BDX33B/BDX34B
BDX33C/BDX34C
VCEX(sus)
80
100
Vdc
Collector Cutoff Current
(VCE = 1/2 rated VCEO, IB = 0)
TC = 25_C
TC = 100_C
ICEO
0.5
10
mAdc
Collector Cutoff Current
(VCB = rated VCBO, IE = 0)
TC = 25_C
TC = 100_C
ICBO
1.0
5.0
mAdc
Emitter Cutoff Current
(VBE = 5.0 Vdc, IC = 0)
IEBO
10
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 1)
(IC = 3.0 Adc, VCE = 3.0 Vdc)
BDX33B, 33C/34B, 34C
hFE
750
Collector−Emitter Saturation Voltage
(IC = 3.0 Adc, IB = 6.0 mAdc)
BDX33B, 33C/34B, 34C
VCE(sat)
2.5
Vdc
Base−Emitter On Voltage
(IC = 3.0 Adc, VCE = 3.0 Vdc)
BDX33B, 33C/34B, 34C
VBE(on)
2.5
Vdc
Diode Forward Voltage
(IC = 8.0 Adc)
VF
4.0
Vdc
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
2. Pulse Test non repetitive: Pulse Width = 0.25 seconds.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn