Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC557A Datasheet(PDF) 4 Page - ON Semiconductor

Part # BC557A
Description  Amplifier Transistors PNP Silicon
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC557A Datasheet(HTML) 4 Page - ON Semiconductor

  BC557A Datasheet HTML 1Page - ON Semiconductor BC557A Datasheet HTML 2Page - ON Semiconductor BC557A Datasheet HTML 3Page - ON Semiconductor BC557A Datasheet HTML 4Page - ON Semiconductor BC557A Datasheet HTML 5Page - ON Semiconductor BC557A Datasheet HTML 6Page - ON Semiconductor BC557A Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BC556B, BC557A, B, C, BC558B, C
http://onsemi.com
4
BC556
Figure 7. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 8. “On” Voltage
IC, COLLECTOR CURRENT (mA)
−0.8
−1.0
−0.6
−0.2
−0.4
1.0
2.0
−0.1
−1.0
−10
−200
−0.2
0.2
0.5
−0.2
−1.0
−10
−200
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE @ VCE = −5.0 V
Figure 9. Collector Saturation Region
IB, BASE CURRENT (mA)
Figure 10. Base−Emitter Temperature Coefficient
IC, COLLECTOR CURRENT (mA)
−1.0
−1.2
−1.6
−2.0
−0.02
−1.0
−10
0
−20
−0.1
−0.4
−0.8
−0.2
−2.0
−10
−200
−1.0
TJ = 25°C
IC =
−10 mA
VCE = −5.0 V
TA = 25°C
0
−0.5
−2.0
−5.0
−20
−50 −100
−0.05
−0.2
−0.5
−2.0
−5.0
−100 mA
−20 mA
−1.4
−1.8
−2.2
−2.6
−3.0
−0.5
−5.0
−20
−50 −100
−55°C to 125°C
qVB for VBE
−2.0 −5.0
−20
−50 −100
Figure 11. Capacitance
VR, REVERSE VOLTAGE (VOLTS)
40
Figure 12. Current−Gain − Bandwidth Product
IC, COLLECTOR CURRENT (mA)
−0.1 −0.2
−1.0
−50
2.0
−2.0
−10
−100
100
200
500
50
20
20
10
6.0
4.0
−1.0
−10
−100
VCE = −5.0 V
−0.5
−5.0
−20
TJ = 25°C
Cob
Cib
8.0
−50 mA
−200 mA


Similar Part No. - BC557A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC557A MOTOROLA-BC557A Datasheet
220Kb / 6P
   Amplifier Transistors
logo
SHENZHEN YONGERJIA INDU...
BC557A WINNERJOIN-BC557A Datasheet
68Kb / 1P
   TRANSISTOR (PNP)
logo
ON Semiconductor
BC557A ONSEMI-BC557A Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Allied Components Inter...
BC557A ALLIED-BC557A Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
Siemens Semiconductor G...
BC557A SIEMENS-BC557A Datasheet
213Kb / 6P
   PNP SILICON TRANSISTORS
More results

Similar Description - BC557A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BC251 MOTOROLA-BC251 Datasheet
161Kb / 5P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
ON Semiconductor
BC556 ONSEMI-BC556 Datasheet
158Kb / 6P
   Amplifier Transistors(PNP Silicon)
1996
logo
Motorola, Inc
BCX78-7 MOTOROLA-BCX78-7 Datasheet
113Kb / 3P
   AMPLIFIER TRANSISTORS PNP SILICON
logo
New Jersey Semi-Conduct...
2N3727 NJSEMI-2N3727 Datasheet
128Kb / 1P
   PNP SILICON AMPLIFIER TRANSISTORS
logo
Motorola, Inc
BC16116 MOTOROLA-BC16116 Datasheet
199Kb / 8P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
BC212B ONSEMI-BC212B Datasheet
60Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
logo
Leshan Radio Company
L2N5401 LRC-L2N5401 Datasheet
99Kb / 4P
   Amplifier Transistors PNP Silicon
logo
ON Semiconductor
2N5400 ONSEMI-2N5400 Datasheet
83Kb / 6P
   Amplifier Transistors PNP Silicon
December, 2005 ??Rev. 1
LA733P ONSEMI-LA733P Datasheet
56Kb / 4P
   Amplifier Transistors (PNP Silicon)
August, 2001 ??Rev. 1
BC307B ONSEMI-BC307B Datasheet
54Kb / 4P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 4
BC327 ONSEMI-BC327_07 Datasheet
68Kb / 5P
   Amplifier Transistors PNP Silicon
March, 2007 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com