Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCXH16373DTRG Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74VCXH16373DTRG
Description  Low?뭋oltage 1.8/2.5/3.3 V 16?묪it Transparent Latch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH16373DTRG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74VCXH16373DTRG Datasheet HTML 2Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 3Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 4Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 5Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 6Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 7Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 8Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 9Page - ON Semiconductor 74VCXH16373DTRG Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74VCXH16373
http://onsemi.com
6
DYNAMIC SWITCHING CHARACTERISTICS
Symbol
Characteristic
Condition
TA = +25°C
Unit
Typ
VOLP
Dynamic LOW Peak Voltage
(Note 9)
VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V
0.25
V
VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V
0.6
VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V
0.8
VOLV
Dynamic LOW Valley Voltage
(Note 9)
VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V
−0.25
V
VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V
−0.6
VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V
−0.8
VOHV
Dynamic HIGH Valley Voltage
(Note 10)
VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V
1.5
V
VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V
1.9
VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V
2.2
9. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
10.Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the HIGH state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
Note 11
6
pF
COUT
Output Capacitance
Note 11
7
pF
CPD
Power Dissipation Capacitance
Note 11, 10 MHz
20
pF
11. VCC = 1.8 V, 2.5 V or 3.3 V; VI = 0 V or VCC.


Similar Part No. - 74VCXH16373DTRG

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH16373 FAIRCHILD-74VCXH16373 Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
logo
STMicroelectronics
74VCXH16373 STMICROELECTRONICS-74VCXH16373 Datasheet
285Kb / 12P
   SYMMETRICAL OUTPUT IMPEDANCE
February 2003
logo
Fairchild Semiconductor
74VCXH16373G FAIRCHILD-74VCXH16373G Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
74VCXH16373MTD FAIRCHILD-74VCXH16373MTD Datasheet
187Kb / 11P
   Low Voltage 16-Bit Transparent Latch with Bushold
More results

Similar Description - 74VCXH16373DTRG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16373 ONSEMI-74VCX16373_06 Datasheet
234Kb / 10P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transparent Latch
June, 2006 ??Rev. 6
74VCXH16244 ONSEMI-74VCXH16244 Datasheet
237Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16245 ONSEMI-74VCX16245_06 Datasheet
209Kb / 8P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Transceiver
June, 2006 ??Rev. 7
74VCXH16240 ONSEMI-74VCXH16240 Datasheet
236Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74VCX16240 ONSEMI-74VCX16240 Datasheet
217Kb / 9P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it Buffer
June, 2006 ??Rev. 5
74ALVC16374 ONSEMI-74ALVC16374 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74ALVC16373 ONSEMI-74ALVC16373 Datasheet
280Kb / 11P
   Low?뭋oltage 1.8 Transparent Latch
June, 2006 ??Rev. 1
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
   LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
74ALVC16245 ONSEMI-74ALVC16245 Datasheet
267Kb / 10P
   Low?뭋oltage 16?묪it Transceiver
June, 2006 ??Rev. 1
logo
Motorola, Inc
MC74VCX16373 MOTOROLA-MC74VCX16373 Datasheet
141Kb / 8P
   LOW-VOLTAGE 1.8/2.5/3.3V 16-BIT TRANSPARENT LATCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com