Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931ACD Datasheet(PDF) 17 Page - ON Semiconductor

Part # LM2931ACD
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931ACD Datasheet(HTML) 17 Page - ON Semiconductor

Back Button LM2931ACD Datasheet HTML 13Page - ON Semiconductor LM2931ACD Datasheet HTML 14Page - ON Semiconductor LM2931ACD Datasheet HTML 15Page - ON Semiconductor LM2931ACD Datasheet HTML 16Page - ON Semiconductor LM2931ACD Datasheet HTML 17Page - ON Semiconductor LM2931ACD Datasheet HTML 18Page - ON Semiconductor LM2931ACD Datasheet HTML 19Page - ON Semiconductor LM2931ACD Datasheet HTML 20Page - ON Semiconductor LM2931ACD Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
17
TO−220, SINGLE GAUGE
T SUFFIX
CASE 221AB−01
ISSUE O
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION Z DEFINES A ZONE WHERE ALL
BODY AND LEAD IRREGULARITIES ARE
ALLOWED.
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.570
0.620
14.48
15.75
B
0.380
0.405
9.66
10.28
C
0.160
0.190
4.07
4.82
D
0.025
0.035
0.64
0.88
F
0.142
0.147
3.61
3.73
G
0.095
0.105
2.42
2.66
H
0.110
0.155
2.80
3.93
J
0.018
0.025
0.46
0.64
K
0.500
0.562
12.70
14.27
L
0.045
0.060
1.15
1.52
N
0.190
0.210
4.83
5.33
Q
0.100
0.120
2.54
3.04
R
0.080
0.110
2.04
2.79
S
0.020
0.055
0.508
1.39
T
0.235
0.255
5.97
6.47
U
0.000
0.050
0.00
1.27
V
0.045
−−−
1.15
−−−
Z
−−−
0.080
−−−
2.04
B
Q
H
Z
L
V
G
N
A
K
F
12 3
4
D
SEATING
PLANE
−T−
C
S
T
U
R
J


Similar Part No. - LM2931ACD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931ACD ONSEMI-LM2931ACD Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
Motorola, Inc
LM2931ACD MOTOROLA-LM2931ACD Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
ON Semiconductor
LM2931ACD ONSEMI-LM2931ACD Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
LM2931ACD2T ONSEMI-LM2931ACD2T Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
Motorola, Inc
LM2931ACD2T MOTOROLA-LM2931ACD2T Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
More results

Similar Description - LM2931ACD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_11 Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
   100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com