Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC9S08SG4 Datasheet(PDF) 65 Page - Freescale Semiconductor, Inc

Part # MC9S08SG4
Description  Microcontrollers
Download  310 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08SG4 Datasheet(HTML) 65 Page - Freescale Semiconductor, Inc

Back Button MC9S08SG4 Datasheet HTML 61Page - Freescale Semiconductor, Inc MC9S08SG4 Datasheet HTML 62Page - Freescale Semiconductor, Inc MC9S08SG4 Datasheet HTML 63Page - Freescale Semiconductor, Inc MC9S08SG4 Datasheet HTML 64Page - Freescale Semiconductor, Inc MC9S08SG4 Datasheet HTML 65Page - Freescale Semiconductor, Inc MC9S08SG4 Datasheet HTML 66Page - Freescale Semiconductor, Inc MC9S08SG4 Datasheet HTML 67Page - Freescale Semiconductor, Inc MC9S08SG4 Datasheet HTML 68Page - Freescale Semiconductor, Inc MC9S08SG4 Datasheet HTML 69Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 310 page
background image
Chapter 5 Resets, Interrupts, and General System Control
MC9S08SG8 MCU Series Data Sheet, Rev. 0
Freescale Semiconductor
PRELIMINARY
65
5.6
Low-Voltage Detect (LVD) System
The MC9S08SG8 includes a system to protect against low voltage conditions in order to protect memory
contents and control MCU system states during supply voltage variations. The system is comprised of a
power-on reset (POR) circuit and a LVD circuit with trip voltages for warning and detection. The LVD
circuit is enabled when LVDE in SPMSC1 is set to 1. The LVD is disabled upon entering any of the stop
modes unless LVDSE is set in SPMSC1. If LVDSE and LVDE are both set, then the MCU cannot enter
stop2, and the current consumption in stop3 with the LVD enabled will be higher.
5.6.1
Power-On Reset Operation
When power is initially applied to the MCU, or when the supply voltage drops below the power-on reset
rearm voltage level, VPOR, the POR circuit will cause a reset condition. As the supply voltage rises, the
LVD circuit will hold the MCU in reset until the supply has risen above the low voltage detection low
threshold, VLVDL. Both the POR bit and the LVD bit in SRS are set following a POR.
5.6.2
Low-Voltage Detection (LVD) Reset Operation
The LVD can be configured to generate a reset upon detection of a low voltage condition by setting
LVDRE to 1. The low voltage detection threshold is determined by the LVDV bit. After an LVD reset has
occurred, the LVD system will hold the MCU in reset until the supply voltage has risen above the low
voltage detection threshold. The LVD bit in the SRS register is set following either an LVD reset or POR.
5.6.3
Low-Voltage Warning (LVW) Interrupt Operation
The LVD system has a low voltage warning flag to indicate to the user that the supply voltage is
approaching the low voltage condition. When a low voltage warning condition is detected and is
configured for interrupt operation (LVWIE set to 1), LVWF in SPMSC1 will be set and an LVW interrupt
request will occur.
5.7
Reset, Interrupt, and System Control Registers and Control Bits
One 8-bit register in the direct page register space and eight 8-bit registers in the high-page register space
are related to reset and interrupt systems.
Refer to Table 4-2 and Table 4-3 in Chapter 4, “Memory,” of this data sheet for the absolute address
assignments for all registers. This section refers to registers and control bits only by their names. A
Freescale-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
Some control bits in the SOPT1 and SPMSC2 registers are related to modes of operation. Although brief
descriptions of these bits are provided here, the related functions are discussed in greater detail in
Chapter 3, “Modes of Operation.”


Similar Part No. - MC9S08SG4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08SG4 FREESCALE-MC9S08SG4 Datasheet
3Mb / 316P
   Microcontrollers
logo
NXP Semiconductors
MC9S08SG4 NXP-MC9S08SG4 Datasheet
4Mb / 316P
   Microcontrollers
Rev. 8 1/2014
More results

Similar Description - MC9S08SG4

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ128 FREESCALE-MC9S08DZ128 Datasheet
4Mb / 458P
   Microcontrollers
MC9S08SG8 FREESCALE-MC9S08SG8_09 Datasheet
3Mb / 316P
   Microcontrollers
M68HC05 FREESCALE-M68HC05 Datasheet
1Mb / 128P
   Microcontrollers
M68HC08 FREESCALE-M68HC08 Datasheet
2Mb / 188P
   Microcontrollers
MC9S08QD4 FREESCALE-MC9S08QD4_08 Datasheet
2Mb / 202P
   Microcontrollers
MC68HC908QY4CDW FREESCALE-MC68HC908QY4CDW Datasheet
1Mb / 184P
   Microcontrollers
MC9S08AW16CFGE FREESCALE-MC9S08AW16CFGE Datasheet
1Mb / 324P
   Microcontrollers
MC68HC908GT16 FREESCALE-MC68HC908GT16 Datasheet
4Mb / 278P
   Microcontrollers
MC68HC908QC16 FREESCALE-MC68HC908QC16_07 Datasheet
3Mb / 274P
   Microcontrollers
MC68HC908QY4A FREESCALE-MC68HC908QY4A_07 Datasheet
2Mb / 200P
   Microcontrollers
MC68HC08AZ60A FREESCALE-MC68HC08AZ60A Datasheet
4Mb / 480P
   Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com