Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F345B Datasheet(PDF) 30 Page - Fujitsu Component Limited.

Part # MB91F345B
Description  32-bit Microcontroller CMOS FR60 Lite MB91345 Series
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F345B Datasheet(HTML) 30 Page - Fujitsu Component Limited.

Back Button MB91F345B Datasheet HTML 26Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 27Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 28Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 29Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 30Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 31Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 32Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 33Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 34Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 72 page
background image
MB91345 Series
30
4.
Register
General purpose registers
Registers R0 to R15 are general purpose registers. The registers are used as the accumulator and memory
access pointers for CPU operations.
Of these 16 registers, the registers listed below are intended for special applications, for which some instructions
are enhanced.
R13 : Virtual accumulator
R14 : Frame pointer
R15 : Stack pointer
The initial values of R0 to R14 after a reset are indeterminate. R15 is initialized to 00000000H (SSP value) .
• PS (Program Status)
This register holds the program status and is divided into the ILM, SCR, and CCR.
All of undefined bits are reserved bits. Reading these bits always returns “0”.
Writing to them has no effect.
• CCR (Condition Code Register)
S : Stack flag. Cleared to “0” at a reset.
R0
R1
R12
R13
R14
R15
AC
FP
SP
XXXX XXXXH
XXXX XXXXH
0000 0000 H
32 bit
Initial Value
PS
bit31
bit20
bit16
ILM
SCR
CCR
bit10
bit7
bit8
bit0
Initial Value
- - 00XXXXB
bit7
bit6
bit5
bit4
bit3
bit2
bit1
bit0
⎯⎯
SI
N
Z
V
C


Similar Part No. - MB91F345B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F312A FUJITSU-MB91F312A Datasheet
599Kb / 59P
   Proprietary 32-bit Microcontroller CMOS
MB91F312A FUJITSU-MB91F312A Datasheet
551Kb / 59P
   Proprietary 32-bit Microcontroller
MB91F312APFV-1XX-BND-E1 FUJITSU-MB91F312APFV-1XX-BND-E1 Datasheet
551Kb / 59P
   Proprietary 32-bit Microcontroller
MB91F313 FUJITSU-MB91F313 Datasheet
815Kb / 71P
   32-bit Microcontroller
MB91F314 FUJITSU-MB91F314 Datasheet
809Kb / 73P
   32-bit Microcontroller
More results

Similar Description - MB91F345B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB91460S CYPRESS-MB91460S Datasheet
13Mb / 143P
   FR60 32-bit Microcontroller
CY91460D CYPRESS-CY91460D Datasheet
2Mb / 138P
   FR60 32-bit Microcontroller
MB91460C CYPRESS-MB91460C Datasheet
9Mb / 106P
   FR60 32-bit Microcontroller
logo
Toshiba Semiconductor
TMP92CZ26AXBG TOSHIBA-TMP92CZ26AXBG Datasheet
4Mb / 767P
   CMOS 32-Bit Microcontroller
TMP92CM22FG TOSHIBA-TMP92CM22FG Datasheet
1Mb / 260P
   CMOS 32-Bit Microcontroller
TMP92CM27 TOSHIBA-TMP92CM27 Datasheet
8Mb / 502P
   CMOS 32-Bit Microcontroller
TMP92CH21FG TOSHIBA-TMP92CH21FG Datasheet
3Mb / 540P
   CMOS 32-Bit Microcontroller
TMP94C241C TOSHIBA-TMP94C241C Datasheet
16Mb / 236P
   CMOS 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91F127 FUJITSU-MB91F127 Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com