Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MB91F345B Datasheet(PDF) 3 Page - Fujitsu Component Limited.

Part No. MB91F345B
Description  32-bit Microcontroller CMOS FR60 Lite MB91345 Series
Download  72 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FUJITSU [Fujitsu Component Limited.]
Homepage  http://edevice.fujitsu.com/fmd/en/index.html
Logo 

MB91F345B Datasheet(HTML) 3 Page - Fujitsu Component Limited.

 
Zoom Inzoom in Zoom Outzoom out
 3 / 72 page
background image
MB91345 Series
3
(Continued)
• Interrupt controller
• A total of 24 external interrupt lines (external interrupt pins INT23 to INT0)
• Interrupt from internal peripheral
• Programmable 16 priority levels
• Available for wakeup from STOP mode
• A/D converter :
• 10-bit resolution, 8 channels
+ 8 channels 2unit
• Successive approximation type : Conversion time : min. 1.2
µs (at 16 MHz)
• Conversion mode (Shingle-shot conversion mode, scan conversion mode)
• Startup source (software/external trigger)
• PPG timer : up to 16 channels (at 8 bits)
• 8/16-bit PPG timer : 8 bits
× 16 channels or 16 bits × 8 channels
• The internal clock is optional from 1/4/16/64 division
• PWC timer : 1 channel
16-bit up counter 1 channel (1 input)
• Input capture and output compare : up to 8 channels (ch.0 to ch.3; 16-bit ICU, OCU, ch.4 to ch.7; 32-bit ICU,
OCU)
• 16-bit free-run counter
× 1 channel + 16-bit input capture × 4 channels + 16-bit output compare × 4 channels
• 32-bit free-run counter
× 1 channel + 32-bit input capture × 4 channels + 32-bit output compare × 4 channels
• MIN/MAX/ABS
• MIN/MAX/ABS is performed and the result is accumulated and added.
• Other interval timer and counter
• 8/16-bit up down counter :
8-bit
× 4 channels or 16-bit × 2 channels
• 16-bit timebase timer/watchdog timer
• I/O port
• Max 71 ports
• Other features
• Internal oscillation circuit as a clock source and PLL multiplier
•INIT is prepared as a reset terminal
• Watchdog timer reset and software reset are also available
• Stop and sleep mode supported as low-power-consumption modes
• Gear function
• Built-in time base timer
• Memory patch function
• Package : TQFP-100
• CMOS technology (0.18
µm)
• Power supply voltage : 3.3 V
± 0.3 V (single power supply)
* : Purchase of Fujitsu I2C components conveys a license under the Philips I2C Patent Rights to use, these
components in an I2C system provided that the system conforms to the I2C Standard Specification as defined
by Philips.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MB9110132-bit RISC Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9112132-bit RISC Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
MB9110732-bit RISC Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
PIC16LV5XEPROM-Based 8-Bit CMOS Microcontroller Series 1 2 3 4 5 MoreMicrochip Technology
MB89560H8-bit Proprietary Microcontroller CMOS 1 2 3 4 5 MoreFujitsu Component Limited.
PIC16C50514-Pin 8-Bit CMOS Microcontroller 1 2 3 4 5 MoreMicrochip Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn