Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB91F345B Datasheet(PDF) 61 Page - Fujitsu Component Limited.

Part # MB91F345B
Description  32-bit Microcontroller CMOS FR60 Lite MB91345 Series
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB91F345B Datasheet(HTML) 61 Page - Fujitsu Component Limited.

Back Button MB91F345B Datasheet HTML 57Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 58Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 59Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 60Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 61Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 62Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 63Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 64Page - Fujitsu Component Limited. MB91F345B Datasheet HTML 65Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
MB91345 Series
61
(6) A/D Trigger Input Timing
(VCC
= AVCC = 3.0 V to 3.6 V, VSS = AVSS = 0 V, Ta = −40 °C to + 85 °C)
* : tCYCP is the peripheral clock cycle time.
Parameter
Sym-
bol
Pin
Conditions
Value
Unit
Remarks
Min
Max
A/D trigger input (falling time)
tTADTG
ADTRG0,
ADTRG0-2,
ADTRG1,
ADTRG1-2
tCYCP
× 2
ns
*
tTADTG
VIH
VIL
VIL
ADTRG0, ADTRG0-2,
ADTRG1, ADTRG1-2


Similar Part No. - MB91F345B

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB91F312A FUJITSU-MB91F312A Datasheet
599Kb / 59P
   Proprietary 32-bit Microcontroller CMOS
MB91F312A FUJITSU-MB91F312A Datasheet
551Kb / 59P
   Proprietary 32-bit Microcontroller
MB91F312APFV-1XX-BND-E1 FUJITSU-MB91F312APFV-1XX-BND-E1 Datasheet
551Kb / 59P
   Proprietary 32-bit Microcontroller
MB91F313 FUJITSU-MB91F313 Datasheet
815Kb / 71P
   32-bit Microcontroller
MB91F314 FUJITSU-MB91F314 Datasheet
809Kb / 73P
   32-bit Microcontroller
More results

Similar Description - MB91F345B

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
MB91460S CYPRESS-MB91460S Datasheet
13Mb / 143P
   FR60 32-bit Microcontroller
CY91460D CYPRESS-CY91460D Datasheet
2Mb / 138P
   FR60 32-bit Microcontroller
MB91460C CYPRESS-MB91460C Datasheet
9Mb / 106P
   FR60 32-bit Microcontroller
logo
Toshiba Semiconductor
TMP92CZ26AXBG TOSHIBA-TMP92CZ26AXBG Datasheet
4Mb / 767P
   CMOS 32-Bit Microcontroller
TMP92CM22FG TOSHIBA-TMP92CM22FG Datasheet
1Mb / 260P
   CMOS 32-Bit Microcontroller
TMP92CM27 TOSHIBA-TMP92CM27 Datasheet
8Mb / 502P
   CMOS 32-Bit Microcontroller
TMP92CH21FG TOSHIBA-TMP92CH21FG Datasheet
3Mb / 540P
   CMOS 32-Bit Microcontroller
TMP94C241C TOSHIBA-TMP94C241C Datasheet
16Mb / 236P
   CMOS 32-Bit Microcontroller
logo
Fujitsu Component Limit...
MB91F127 FUJITSU-MB91F127 Datasheet
535Kb / 50P
   32-Bit Microcontroller CMOS
MB91107 FUJITSU-MB91107 Datasheet
1Mb / 96P
   32-bit RISC Microcontroller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com