Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2931Z-5.0G Datasheet(PDF) 2 Page - ON Semiconductor

Part # LM2931Z-5.0G
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2931Z-5.0G Datasheet(HTML) 2 Page - ON Semiconductor

  LM2931Z-5.0G Datasheet HTML 1Page - ON Semiconductor LM2931Z-5.0G Datasheet HTML 2Page - ON Semiconductor LM2931Z-5.0G Datasheet HTML 3Page - ON Semiconductor LM2931Z-5.0G Datasheet HTML 4Page - ON Semiconductor LM2931Z-5.0G Datasheet HTML 5Page - ON Semiconductor LM2931Z-5.0G Datasheet HTML 6Page - ON Semiconductor LM2931Z-5.0G Datasheet HTML 7Page - ON Semiconductor LM2931Z-5.0G Datasheet HTML 8Page - ON Semiconductor LM2931Z-5.0G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
2
Representative Schematic Diagram
*Deleted on Adjustable Regulators
Input
Output
30 k *
Adjust
92.8 k *
Ground
350
500
6.0 k
6.0
30 k
Output
Inhibit
EPI
Bias
50 k
5.8 V
10 k
11.5 k
3.0 k
3.94 k
30 k
30 k
180 k
184 k
6.8 V
35 k
48 k
This device contains 26 active transistors.


Similar Part No. - LM2931Z-5.0G

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2931Z-5.0 NSC-LM2931Z-5.0 Datasheet
363Kb / 18P
   Series Low Dropout Regulators
logo
ON Semiconductor
LM2931Z-5.0 ONSEMI-LM2931Z-5.0 Datasheet
308Kb / 16P
   LOW DROPOUT VOLTAGE REGULATORS
1997 Rev 4
logo
Motorola, Inc
LM2931Z-5.0 MOTOROLA-LM2931Z-5.0 Datasheet
311Kb / 16P
   Low Dropout Voltage Regulators
logo
National Semiconductor ...
LM2931Z-5.0 NSC-LM2931Z-5.0 Datasheet
411Kb / 18P
   Series Low Dropout Regulators
logo
Texas Instruments
LM2931Z-5.0 TI1-LM2931Z-5.0 Datasheet
447Kb / 19P
[Old version datasheet]   Series Low Dropout Regulators
More results

Similar Description - LM2931Z-5.0G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2931 ONSEMI-LM2931_11 Datasheet
796Kb / 23P
   100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
December, 2011 ??Rev. 25
LM2931 ONSEMI-LM2931_13 Datasheet
329Kb / 23P
   100 mA, Adjustable Output LDO Voltage Regulator with 60 V Load Dump Protection
April, 2013 ??Rev. 26
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
CAT6220 ONSEMI-CAT6220 Datasheet
464Kb / 12P
   300 mA Adjustable Voltage LDO Regulator
December, 2011 ??Rev. 1
logo
HuaXinAn Electronics CO...
AP1155ADU HUAXINAN-AP1155ADU Datasheet
737Kb / 23P
   Output Adjustable Voltage LDO Regulator
logo
Texas Instruments
TPS76201 TI-TPS76201 Datasheet
200Kb / 11P
[Old version datasheet]   LOW OUTPUT ADJUSTABLE ULTRALOW-POWER 100-mA LDO LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com