Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9118-MT Datasheet(PDF) 9 Page - SMSC Corporation

Part # LAN9118-MT
Description  High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

LAN9118-MT Datasheet(HTML) 9 Page - SMSC Corporation

Back Button LAN9118-MT Datasheet HTML 5Page - SMSC Corporation LAN9118-MT Datasheet HTML 6Page - SMSC Corporation LAN9118-MT Datasheet HTML 7Page - SMSC Corporation LAN9118-MT Datasheet HTML 8Page - SMSC Corporation LAN9118-MT Datasheet HTML 9Page - SMSC Corporation LAN9118-MT Datasheet HTML 10Page - SMSC Corporation LAN9118-MT Datasheet HTML 11Page - SMSC Corporation LAN9118-MT Datasheet HTML 12Page - SMSC Corporation LAN9118-MT Datasheet HTML 13Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 126 page
background image
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
Datasheet
SMSC LAN9118
9
Revision 1.1 (05-17-05)
DATASHEET
Chapter 1 General Description
The LAN9118 is a full-featured, single-chip 10/100 Ethernet controller designed for embedded
applications where performance, flexibility, ease of integration and system cost control are required.
The LAN9118 has been specifically architected to provide the highest performance possible for any
given architecture. The LAN9118 is fully IEEE 802.3 10BASE-T and 802.3u 100BASE-TX compliant.
The LAN9118 includes an integrated Ethernet MAC and PHY with a high-performance SRAM-like slave
interface. The simple, yet highly functional host bus interface provides a glue-less connection to most
common 16-bit and 32-bit microprocessors and microcontrollers. The LAN9118 includes large transmit
and receive data FIFOs with a high-speed host bus interface to accommodate high bandwidth, high
latency applications. In addition, the LAN9118 memory buffer architecture allows the most efficient use
of memory resources by optimizing packet granularity.
Applications
The LAN9118 is well suited for many high-performance embedded applications, including:
High-end cable, satellite and IP set-top boxes
Video distribution systems
Multi-room PVR (Personal Video Recorder)
Digital video recorders
High-definition televisions
Digital media clients/servers
Home gateways
The LAN9118 also supports features which reduce or eliminate packet loss. Its internal 16-KByte
SRAM can hold over 200 received packets. If the receive FIFO gets too full, the LAN9118 can
automatically generate flow control packets to the remote node, or assert back-pressure on the remote
node by generating network collisions.
The LAN9118 supports numerous power management and wakeup features. The LAN9118 can be
placed in a reduced power mode and can be programmed to issue an external wake signal via several
methods, including “Magic Packet”, “Wake on LAN” and “Link Status Change”. This signal is ideal for
triggering system power-up using remote Ethernet wakeup events. The device can be removed from
the low power state via a host processor command.


Similar Part No. - LAN9118-MT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9118-MT SMSC-LAN9118-MT Datasheet
213Kb / 6P
   HIGH PERFORMANCE SINGLE CHIP 10/100NON PCI ETHERNET CONTROLLER
LAN9118-MT SMSC-LAN9118-MT Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118-MT MICROCHIP-LAN9118-MT Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
More results

Similar Description - LAN9118-MT

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
   High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9117 SMSC-LAN9117 Datasheet
1Mb / 131P
   HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
logo
Microchip Technology
LAN9116 MICROCHIP-LAN9116 Datasheet
1,016Kb / 109P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9116 SMSC-LAN9116_08 Datasheet
1Mb / 132P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9116 SMSC-LAN9116 Datasheet
1Mb / 126P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
LAN9115 SMSC-LAN9115 Datasheet
219Kb / 7P
   HIGHLY EFFICIENT SINGLE - CHIP 10/100 NON PCI ETHERNET CONTROLLER
LAN9115 SMSC-LAN9115_08 Datasheet
1Mb / 136P
   Highly Efficient Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com