Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2576D2T-005 Datasheet(PDF) 6 Page - ON Semiconductor

Part # LM2576D2T-005
Description  3.0 A, 15 V, Step?묭own Switching Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2576D2T-005 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button LM2576D2T-005 Datasheet HTML 2Page - ON Semiconductor LM2576D2T-005 Datasheet HTML 3Page - ON Semiconductor LM2576D2T-005 Datasheet HTML 4Page - ON Semiconductor LM2576D2T-005 Datasheet HTML 5Page - ON Semiconductor LM2576D2T-005 Datasheet HTML 6Page - ON Semiconductor LM2576D2T-005 Datasheet HTML 7Page - ON Semiconductor LM2576D2T-005 Datasheet HTML 8Page - ON Semiconductor LM2576D2T-005 Datasheet HTML 9Page - ON Semiconductor LM2576D2T-005 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LM2576
http://onsemi.com
6
2.0
2.5
3.0
4.0
TJ, JUNCTION TEMPERATURE (°C)
SWITCH CURRENT (A)
TJ, JUNCTION TEMPERATURE (°C)
Figure 8. Standby Quiescent Current
Vin, INPUT VOLTAGE (V)
Figure 9. Switch Saturation Voltage
Figure 10. Oscillator Frequency
Figure 11. Minimum Operating Voltage
Figure 12. Feedback Pin Current
Vin = 12 V
Normalized at
25
°C
TJ = 25°C
Adjustable Version Only
200
180
140
120
100
80
60
40
20
0
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
8.0
6.0
4.0
2.0
0
−2.0
−4.0
−6.0
−8.0
−10
5.0
4.5
3.5
1.5
1.0
0.5
0
40
30
25
20
15
10
5
0
0
0.5
1.0
1.5
2.0
3.0
125
100
75
50
25
0
−25
−50
125
100
75
50
25
0
−25
−50
TJ, JUNCTION TEMPERATURE (°C)
Adjustable Version Only
100
80
60
40
20
0
−20
−40
−60
−80
−100
125
100
75
50
25
0
−25
−50
160
35
2.5
−40
°C
25
°C
125
°C
Vout ' 1.23 V
ILoad = 500 mA
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 15)


Similar Part No. - LM2576D2T-005

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576D2T-015 ONSEMI-LM2576D2T-015 Datasheet
253Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results

Similar Description - LM2576D2T-005

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2576T-5G ONSEMI-LM2576T-5G Datasheet
253Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2576-XX IKSEMICON-IL2576-XX Datasheet
612Kb / 10P
   3.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574_06 Datasheet
296Kb / 26P
   0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
August, 2006 ??Rev. 8
logo
IK Semicon Co., Ltd
IL2575-XX IKSEMICON-IL2575-XX Datasheet
761Kb / 17P
   1.0 A, 15 V, Step-Down Switching Regulator
logo
ON Semiconductor
LM2596 ONSEMI-LM2596_10 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
LM2596 ONSEMI-LM2596 Datasheet
455Kb / 25P
   3.0 A, Step-Down Switching Regulator
November, 2008 ??Rev. 0
NCP3123 ONSEMI-NCP3123 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
NCP3121 ONSEMI-NCP3121 Datasheet
2Mb / 41P
   Dual 3.0 A, Step-Down DC/DC Switching Regulator
October, 2008 ??Rev. 1
logo
Texas Instruments
LM25010 TI1-LM25010 Datasheet
1Mb / 31P
[Old version datasheet]   42-V, 1-A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com