Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAC4DLM Datasheet(PDF) 5 Page - ON Semiconductor

Part No. MAC4DLM
Description  Sensitive Gate Triacs Silicon Bidirectional Thyristors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MAC4DLM Datasheet(HTML) 5 Page - ON Semiconductor

  MAC4DLM_05 Datasheet HTML 1Page - ON Semiconductor MAC4DLM_05 Datasheet HTML 2Page - ON Semiconductor MAC4DLM_05 Datasheet HTML 3Page - ON Semiconductor MAC4DLM_05 Datasheet HTML 4Page - ON Semiconductor MAC4DLM_05 Datasheet HTML 5Page - ON Semiconductor MAC4DLM_05 Datasheet HTML 6Page - ON Semiconductor MAC4DLM_05 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MAC4DLM
http://onsemi.com
5
Figure 7. Typical Holding Current versus
Junction Temperature
Figure 8. Typical Latching Current versus
Junction Temperature
Figure 9. Minimum Exponential Static dv/dt
versus Gate−MT1 Resistance
65
110
−40
TJ, JUNCTION TEMPERATURE (°C)
2.0
TJ, JUNCTION TEMPERATURE (°C)
20
110
−40
4.0
2.0
0
1000
10 K
100
RGK, GATE−MT1 RESISTANCE (OHMS)
40
15
10
5.0
1.0
0
−25
5.0
20
50
95
−25
5.0
8.0
10
12
4.0
3.0
5.0
80
50
65
MT2 POSITIVE
MT2 NEGATIVE
Q2
Q3
Q1
VD = 400 V
TJ = 110°C
6.0
−10
35
80
−10
35
95
Q4
Figure 10. Critical Rate of Rise of
Commutating Voltage
1.0
0
di/dt(c), RATE OF CHANGE OF COMMUTATING CURRENT (A/ms)
10
1.0
0.1
2.0
3.0
VPK = 400 V
100°C
90°C
TJ = 110°C
tw
VDRM
(di/dt)c =
6f ITM
1000
f =
1
2 tw
4.0
5.0
6.0
MAC4DLM
20
25
30
35
Figure 11. Simplified Test Circuit to Measure the Critical Rate of Rise of Commutating Current (di/dt)c
LL
1N4007
200 V
+
MEASURE
I
CHARGE
CONTROL
CHARGE
TRIGGER
NON-POLAR
CL
51 W
MT2
MT1
1N914
G
200 VRMS
ADJUST FOR
ITM, 60 Hz VAC
Note: Component values are for verification of rated (di/dt)c. See AN1048 for additional information.
RS
ADJUST FOR
di/dt(c)
CS


Similar Part No. - MAC4DLM_05

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MAC4DLM-001 ONSEMI-MAC4DLM-001 Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC4DLM-001 ONSEMI-MAC4DLM-001 Datasheet
133Kb / 7P
   Sensitive Gate Triacs
August, 2010 ??Rev. 5
MAC4DLM-001G ONSEMI-MAC4DLM-001G Datasheet
133Kb / 7P
   Sensitive Gate Triacs
August, 2010 ??Rev. 5
More results

Similar Description - MAC4DLM_05

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC15S ONSEMI-MAC15S Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC228A ONSEMI-MAC228A_06 Datasheet
57Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006 ??Rev. 4
Kersemi Electronic Co., Ltd.
Kersemi Electronic Co.,...
MAC15SD KERSEMI-MAC15SD Datasheet
584Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
More results


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz