Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1MA151WKT1G Datasheet(PDF) 1 Page - ON Semiconductor

Part # M1MA151WKT1G
Description  Common Cathode Silicon Dual Switching Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

M1MA151WKT1G Datasheet(HTML) 1 Page - ON Semiconductor

  M1MA151WKT1G Datasheet HTML 1Page - ON Semiconductor M1MA151WKT1G Datasheet HTML 2Page - ON Semiconductor M1MA151WKT1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 8
1
Publication Order Number:
M1MA151WKT1/D
M1MA151WKT1,
M1MA152WKT1
Preferred Device
Common Cathode Silicon
Dual Switching Diodes
These Common Cathode Silicon Epitaxial Planar Dual Diodes are
designed for use in ultra high speed switching applications. These
devices are housed in the SC−59 package which is designed for low
power surface mount applications.
Features
Fast trr, < 3.0 ns
Low CD, < 2.0 pF
Pb−Free Packages are Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Value
Unit
Reverse Voltage
M1MA151WKT1
M1MA152WKT1
VR
40
80
Vdc
Peak Reverse Voltage
M1MA151WKT1
M1MA152WKT1
VRM
40
80
Vdc
Forward Current
Single
Dual
IF
100
150
mAdc
Peak Forward Current
Single
Dual
IFM
225
340
mAdc
Peak Forward Surge Current
Single
Dual
IFSM
(Note 1)
500
750
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Max
Unit
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
Tstg
− 55 to + 150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. t = 1 SEC
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
SC−59
CASE 318D
SC−59 PACKAGE SINGLE SILICON
SWITCHING DIODES 40 V/80 V 100 mA
SURFACE MOUNT
MARKING DIAGRAM
1
Mx M
G
G
Mx = Device Code
x = T for 151
U for 152
M
= Date Code*
G
= Pb−Free Package
3 CATHODE
21
ANODE
Device
Package
Shipping
ORDERING INFORMATION
M1MA151WKT1
SC−59
3000/Tape & Reel
M1MA151WKT1G
SC−59
(Pb−Free)
3000/Tape & Reel
M1MA152WKT1
SC−59
3000/Tape & Reel
M1MA152WKT1G
3000/Tape & Reel
SC−59
(Pb−Free)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
(Note: Microdot may be in either location)
*Date Code orientation may vary depending
upon manufacturing location.


Similar Part No. - M1MA151WKT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M1MA151WKT1G ONSEMI-M1MA151WKT1G Datasheet
61Kb / 4P
   Common Cathode Silicon Dual Switching Diodes
May, 2015 ??Rev. 12
More results

Similar Description - M1MA151WKT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
M1MA151WKT1 ONSEMI-M1MA151WKT1_12 Datasheet
97Kb / 4P
   Common Cathode Silicon Dual Switching Diodes
July, 2012 ??Rev. 11
logo
Motorola, Inc
M1MA151WKT1 MOTOROLA-M1MA151WKT1 Datasheet
87Kb / 6P
   Common Cathode Silicon Dual Switching Diodes
logo
ON Semiconductor
M1MA151WK ONSEMI-M1MA151WK Datasheet
61Kb / 4P
   Common Cathode Silicon Dual Switching Diodes
May, 2015 ??Rev. 12
logo
AiT Semiconductor Inc.
DAN222 AITSEMI-DAN222 Datasheet
536Kb / 7P
   DUAL SWITCHING DIODES COMMON CATHODE SILICON
REV1.1
BAV70W AITSEMI-BAV70W Datasheet
489Kb / 7P
   SWITCHING DIODES COMMON CATHODE DUAL SWITCHING DIODES
REV1.0
logo
Leshan Radio Company
LDAN222T1G LRC-LDAN222T1G_15 Datasheet
223Kb / 3P
   Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
DAN222G ONSEMI-DAN222G Datasheet
125Kb / 4P
   Common Cathode Silicon Dual Switching Diode
October, 2010 -- Rev. 6
M1MA141WKT1G ONSEMI-M1MA141WKT1G_11 Datasheet
133Kb / 4P
   Common Cathode Silicon Dual Switching Diode
November, 2011 ??Rev. 9
logo
First Silicon Co., Ltd
FDS222 FS-FDS222 Datasheet
106Kb / 4P
   Common Cathode Silicon Dual Switching Diode
logo
ON Semiconductor
M1MA141WKT1 ONSEMI-M1MA141WKT1 Datasheet
50Kb / 4P
   Common Cathode Silicon Dual Switching Diode
November, 2005 ??Rev. 7
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com