Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MA3075WALT1 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MA3075WALT1
Description  Zener Transient Voltage Suppressor SOT−23 Dual Common Anode Zeners for ESD Protection
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MA3075WALT1 Datasheet(HTML) 3 Page - ON Semiconductor

  MA3075WALT1_05 Datasheet HTML 1Page - ON Semiconductor MA3075WALT1_05 Datasheet HTML 2Page - ON Semiconductor MA3075WALT1_05 Datasheet HTML 3Page - ON Semiconductor MA3075WALT1_05 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MA3075WALT1
http://onsemi.com
3
−60
20
100
1.2
0.8
0.4
0
Figure 5. Forward Voltage versus Temperature
TA, AMBIENT TEMPERATURE (°C)
01
2
3
8
1000
1
0.1
0.01
Figure 6. Leakage Current versus
Reverse Voltage
VR, REVERSE VOLTAGE (V)
10
45
TA = 85°C
−40
°C
25
°C
0.2
0.6
1
−40
−20
0
40
60
80
IF = 100 mA
10 mA
3 mA
100
67
−60
20
100
1000
1
0.1
Figure 7. Leakage Current versus Temperature
TA, AMBIENT TEMPERATURE (°C)
5.5
6
6.5
100
0.1
0.01
0.001
Figure 8. Zener Current versus
Zener Voltage
VZ, ZENER VOLTAGE (V)
1
7
7.5
TA = −40°C
85
°C
25
°C
10
100
−40
−20
0
40
60
80
VR = 6 V
10
88.5
VR = 5 V
VR = 1 V
01
90
50
10
0
Figure 9. Capacitance
VR, REVERSE VOLTAGE (V)
0.1
1
100
100
1
0.1
Figure 10. Operating Resistance versus
Zener Current
IZ, ZENER CURRENT (mA)
10
10
23
4
5
6
7
8
20
30
40
60
70
80
f = 1 MHz
TA = 25°C


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn