Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

IRS2168DPBF Datasheet(PDF) 6 Page - International Rectifier

Part No. IRS2168DPBF
Description  ADVANCED PFC BALLAST CONTROL IC
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IRF [International Rectifier]
Homepage  http://www.irf.com
Logo 

IRS2168DPBF Datasheet(HTML) 6 Page - International Rectifier

Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
IRS2168D(S)PbF
www.irf.com
Page 6
Electrical Characteristics (cont’d)
V
CC = VBS = VBIAS=14 V +/- 0.25 V, CLO = CHO = CPFC = 1000 pF, RFMIN = 42.2 kΩ, RPH = N/C, VCPH = VVCO = 0 V,
V
SD/EOL = VCOMP = VCS = VOC = VBUS = VZX = 0 V, TA=25
oC unless otherwise specified.
Gate Driver Output Characteristics (HO, LO and PFC pins)
V
OL
Low-level output voltage
---
COM
---
V
OH
High-level output voltage
---
VCC
---
V
t
r
Turn-on rise time
---
120
220
t
f
Turn-off fall time
---
50
100
ns
I0+
Source current
---
180
---
I0-
Sink current
---
260
---
mA
Bootstrap FET Characteristics
VB/ON
VB when the bootstrap FET is on
13.0
13.4
---
V
IB/CAP
VB source current when FET is on
40
55
---
CBS=0.1 µF
IB/10V
VB source current when FET is on
9
12
---
mA
VB=10 V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
IRS2166DSPBFPFC + BALLAST CONTROL IC 1 2 3 4 5 MoreInternational Rectifier
KA7531BALLAST CONTROL IC 1 2 3 4 5 MoreSamsung semiconductor
MC1451AAdvanced Step Motor Control Chipset 1 2 3 4 5 MoreList of Unclassifed Manufacturers
IR2159DIMMING BALLAST CONTROL IC 1 2 3 4 5 MoreInternational Rectifier
IXFE44N50QD2Buck & Boost Configurations for PFC & Motor Control Circuits 1 2 IXYS Corporation
TPA6030A4_073-2 STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL 1 2 3 4 5 MoreTexas Instruments
L6563ADVANCED TRANSITION-MODE PFC CONTROLLER 1 2 3 4 5 MoreSTMicroelectronics
IRFW644AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
IRFW550AAdvanced Power MOSFET 1 2 3 4 5 MoreFairchild Semiconductor
UBA2070600 V CCFL ballast driver IC 1 2 3 4 5 MoreNXP Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn