Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2931 Datasheet(PDF) 15 Page - ON Semiconductor

Part No. LM2931
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

LM2931 Datasheet(HTML) 15 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
15
SOIC−8
D SUFFIX
CASE 751
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Device
MARKING DIAGRAMS
AWLYWWG
LM
2931AT−5
TO−220
T SUFFIX
CASE 221A
2931T−5.0
LM
TO−220
T SUFFIX
CASE 221A
AWLYWWG
931A5G
ALYWW
DPAK
DT SUFFIX
CASE 369A
2931G
ALYWW
DPAK
DT SUFFIX
CASE 369A
LM
2931AD2T−5.0
AWLYWWG
D2PAK
D2T SUFFIX
CASE 936
LM
2931AD2T−5
AWLYWWG
D2PAK
D2T SUFFIX
CASE 936
LM
2931D2T−5
AWLYWWG
D2PAK
D2T SUFFIX
CASE 936
TO−220
T SUFFIX
CASE 314D
ALYWW
LM
2931ACTV
AWLYWWG
D2PAK
D2T SUFFIX
CASE 936A
LM
2931ACD2T
AWLYWWG
D2PAK
D2T SUFFIX
CASE 936A
LM
2931CT
AWLYWWG
2931A
Z−5.0
ALYW
G
G
TO−92
Z SUFFIX
CASE 029
2931Z
−5.0
ALYW
G
G
TO−92
Z SUFFIX
CASE 029
Heatsink surface connected to Pin 2.
Heatsink surface (shown as terminal 4 in case outline drawing) is connected to Pin 2.
Heatsink surface (shown as terminal 6 in
case outline drawing) is connected to Pin 3.
Heatsink surface
connected to Pin 3.
*
*This marking diagram also applies to NCV2931.
*
*
*
SOT−223
ST SUFFIX
CASE 318H
ALYW
2931A
G
G
1
23
SOIC−8
D SUFFIX
CASE 751
SOIC−8
D SUFFIX
CASE 751
SOIC−8
D SUFFIX
CASE 751
*
2931A
ALYW
G
1
8
2931A
ALYW5
G
1
8
2931C
ALYW
G
1
8
2931
ALYW5
G
1
8


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn