Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM2931 Datasheet(PDF) 13 Page - ON Semiconductor

Part No. LM2931
Description  100 mA, Adjustable Output, LDO Voltage Regulator with 60 V Load Dump Protection
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

LM2931 Datasheet(HTML) 13 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
LM2931, NCV2931 Series
http://onsemi.com
13
ORDERING INFORMATION
Device
Shipping
Package
Output
Device
Shipping
Package
Tolerance
Voltage
LM2931DT−5.0
5.0 V
"5.0%
DPAK
75 Units / Rail
LM2931DT−5.0G
5.0 V
"5.0%
DPAK
(Pb−Free)
75 Units / Rail
LM2931T−5.0
5.0 V
"5.0%
TO−220
50 Units / Rail
LM2931T−5.0G
5.0 V
"5.0%
TO−220
(Pb−Free)
50 Units / Rail
LM2931Z−5.0
5.0 V
"5.0%
TO−92
2000 / Inner Bag
LM2931Z−5.0G
5.0 V
"5.0%
TO−92
(Pb−Free)
2000 / Inner Bag
LM2931Z−5.0RA
5.0 V
"5.0%
TO−92
2000 / Tape & Reel
LM2931Z−5.0RAG
5.0 V
"5.0%
TO−92
(Pb−Free)
2000 / Tape & Reel
LM2931Z−5.0RP
5.0 V
"5.0%
TO−92
2000 / Ammo Pack
LM2931Z−5.0RPG
5.0 V
"5.0%
TO−92
(Pb−Free)
2000 / Ammo Pack
LM2931CD
Adjustable
"5.0%
SOIC−8
98 Units / Rail
LM2931CDG
Adjustable
"5.0%
SOIC−8
(Pb−Free)
98 Units / Rail
LM2931CDR2
Adjustable
"5.0%
SOIC−8
2500 / Tape & Reel
LM2931CDR2G
Adjustable
"5.0%
SOIC−8
(Pb−Free)
2500 / Tape & Reel
LM2931CD2T
Adjustable
"5.0%
D2PAK
50 Units / Rail
LM2931CD2TG
Adjustable
"5.0%
D2PAK
(Pb−Free)
50 Units / Rail
LM2931CD2TR4
Adjustable
"5.0%
D2PAK
800 / VacPk Reel
LM2931CD2TR4G
Adjustable
"5.0%
D2PAK
(Pb−Free)
800 / VacPk Reel
LM2931CT
Adjustable
"5.0%
TO−220
50 Units / Rail
LM2931CTG
Adjustable
"5.0%
TO−220
(Pb−Free)
50 Units / Rail
LM2931ACD
Adjustable
"2.0%
SOIC−8
98 Units / Rail
LM2931ACDG
Adjustable
"2.0%
SOIC−8
(Pb−Free)
98 Units / Rail
LM2931ACDR2
Adjustable
"2.0%
SOIC−8
2500 / Tape & Reel
LM2931ACDR2G
Adjustable
"2.0%
SOIC−8
(Pb−Free)
2500 / Tape & Reel
LM2931ACD2TR4
Adjustable
"2.0%
D2PAK
800 / VacPk Reel
LM2931ACD2TR4G
Adjustable
"2.0%
D2PAK
(Pb−Free)
800 / VacPk Reel
LM2931ACTV
Adjustable
"2.0%
TO−220
50 Units / Rail
LM2931ACTVG
Adjustable
"2.0%
TO−220
(Pb−Free)
50 Units / Rail
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.
*NCV2931: Tlow = −40°C, Thigh = +125°C. Guaranteed by design. NCV prefix is for automotive and other applications requiring
site and change control.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn