Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317LZG Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM317LZG
Description  100 mA Adjustable Output, Positive Voltage Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317LZG Datasheet(HTML) 1 Page - ON Semiconductor

  LM317LZG Datasheet HTML 1Page - ON Semiconductor LM317LZG Datasheet HTML 2Page - ON Semiconductor LM317LZG Datasheet HTML 3Page - ON Semiconductor LM317LZG Datasheet HTML 4Page - ON Semiconductor LM317LZG Datasheet HTML 5Page - ON Semiconductor LM317LZG Datasheet HTML 6Page - ON Semiconductor LM317LZG Datasheet HTML 7Page - ON Semiconductor LM317LZG Datasheet HTML 8Page - ON Semiconductor LM317LZG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2005 − Rev. 8
1
Publication Order Number:
LM317L/D
LM317L
100 mA Adjustable Output,
Positive Voltage Regulator
The LM317L is an adjustable 3−terminal positive voltage regulator
capable of supplying in excess of 100 mA over an output voltage range
of 1.2 V to 37 V. This voltage regulator is exceptionally easy to use
and requires only two external resistors to set the output voltage.
Further, it employs internal current limiting, thermal shutdown and
safe area compensation, making them essentially blow−out proof.
The LM317L serves a wide variety of applications including local,
on card regulation. This device can also be used to make a
programmable output regulator, or by connecting a fixed resistor
between the adjustment and output, the LM317L can be used as a
precision current regulator.
Features
Pb−Free Packages are Available
Output Current in Excess of 100 mA
Output Adjustable Between 1.2 V and 37 V
Internal Thermal Overload Protection
Internal Short Circuit Current Limiting
Output Transistor Safe−Area Compensation
Floating Operation for High Voltage Applications
Standard 3−Lead Transistor Package
Eliminates Stocking Many Fixed Voltages
Simplified Application
* Cin is required if regulator is located an appreciable
** distance from power supply filter.
** CO is not needed for stability, however,
** it does improve transient response.
Since IAdj is controlled to less than 100 mA, the error
associated with this term is negligible in most applications.
LM317L
Vin
Vout
R1
240
R2
Adjust
IAdj
Cin*
0.1
mF
+ C
O**
1.0
mF
Vout + 1.25 V 1 )
R2
R1
) IAdj R2
ORDERING INFORMATION
See detailed ordering and shipping information in the package
dimensions section on page 4 of this data sheet.
http://onsemi.com
LOW CURRENT
THREE−TERMINAL
ADJUSTABLE POSITIVE
VOLTAGE REGULATOR
TO−92
Z SUFFIX
CASE 29
Pin 1. Adjust
2. Vout
3. Vin
3
1
2
SOIC−8
D SUFFIX
CASE 751
1
8
Pin 1. Vin
2. Vout
3. Vout
4. Adjust
5. N.C.
6. Vout
7. Vout
8. N.C.
http://onsemi.com


Similar Part No. - LM317LZG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM317LZG ONSEMI-LM317LZG Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317LZG ONSEMI-LM317LZG Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
More results

Similar Description - LM317LZG

ManufacturerPart #DatasheetDescription
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317M ONSEMI-LM317M_11 Datasheet
232Kb / 14P
   500 mA Adjustable Output, Positive Voltage Regulator
September, 2011 ??Rev. 21
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable Output Positive VoltageRegulator
logo
Panasonic Semiconductor
AN78LXX PANASONIC-AN78LXX Datasheet
179Kb / 12P
   3-pin positive output voltage regulator (100 mA type)
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com