Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2574 Datasheet(PDF) 20 Page - ON Semiconductor

Part # LM2574
Description  0.5 A, Adjustable Output Voltage, Step?묭own Switching Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM2574 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button LM2574_06 Datasheet HTML 16Page - ON Semiconductor LM2574_06 Datasheet HTML 17Page - ON Semiconductor LM2574_06 Datasheet HTML 18Page - ON Semiconductor LM2574_06 Datasheet HTML 19Page - ON Semiconductor LM2574_06 Datasheet HTML 20Page - ON Semiconductor LM2574_06 Datasheet HTML 21Page - ON Semiconductor LM2574_06 Datasheet HTML 22Page - ON Semiconductor LM2574_06 Datasheet HTML 23Page - ON Semiconductor LM2574_06 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
LM2574, NCV2574
http://onsemi.com
20
The circuit in Figure 31 shows the negative boost
configuration. The input voltage in this application ranges
from −5.0 to −12 V and provides a regulated −12 V output.
If the input voltage is greater than −12 V, the output will rise
above −12 V accordingly, but will not damage the regulator.
1N5817
330
mH
Output
7
1
Feedback
Vout = −12 V
Load Current
60 mA for Vin = −5.2 V
120 mA for Vin = −7.0 V
Vin
L1
D1
Cout
1000
mF
Cin
22
mF
LM2574−12
5
3
4
ON/OFF
Pwr
Gnd
+Vin
2
Sig
Gnd
−5.0 to −12 V
Figure 31. Negative Boost Regulator
(5)
(12)
(3)
(14)
(4)
(6)
Design Recommendations:
The same design rules as for the previous inverting
buck−boost converter can be applied. The output capacitor
Cout must be chosen larger than what would be required for
a standard buck converter. Low input voltages or high output
currents require a large value output capacitor (in the range
of thousands of
mF). The recommended range of inductor
values for the negative boost regulator is the same as for
inverting converter design.
Another important point is that these negative boost
converters cannot provide any current limiting load
protection in the event of a short in the output so some other
means, such as a fuse, may be necessary to provide the load
protection.
Delayed Startup
There are some applications, like the inverting regulator
already mentioned above, which require a higher amount of
startup current. In such cases, if the input power source is
limited, this delayed startup feature becomes very useful.
To provide a time delay between the time when the input
voltage is applied and the time when the output voltage
comes up, the circuit in Figure 32 can be used. As the input
voltage is applied, the capacitor C1 charges up, and the
voltage across the resistor R2 falls down. When the voltage
on the ON/OFF pin falls below the threshold value 1.3 V, the
regulator starts up. Resistor R1 is included to limit the
maximum voltage applied to the ON/OFF pin. It reduces the
power supply noise sensitivity, and also limits the capacitor
C1 discharge current, but its use is not mandatory.
When a high 50 Hz or 60 Hz (100 Hz or 120 Hz
respectively) ripple voltage exists, a long delay time can
cause some problems by coupling the ripple into the
ON/OFF pin, the regulator could be switched periodically
on and off with the line (or double) frequency.
R1
47 k
LM2574−XX
5
2
and
4
3
Gnds
Pins
ON/OFF
R2
47 k
+Vin
+Vin
C1
0.1
mF
Cin
22
mF
NOTE: This picture does not show the complete circuit.
Figure 32. Delayed Startup Circuitry
(5)
(12)
(4)
and
(6)
Undervoltage Lockout
Some applications require the regulator to remain off until
the input voltage reaches a certain threshold level. Figure 33
shows an undervoltage lockout circuit applied to a buck
regulator. A version of this circuit for buck−boost converter
is shown in Figure 34. Resistor R3 pulls the ON/OFF pin
high and keeps the regulator off until the input voltage
reaches a predetermined threshold level, which is
determined by the following expression:
V
th [
V
Z1 )
1.0
) R2
R1
V
BE
(Q1)
R1
10 k
Z1
1N5242B
R2
10 k
Q1
2N3904
R3
47 k
Cin
22
mF
LM2574−XX
5
2
and
4
3
Gnds
Pins
ON/OFF
+Vin
+Vin
NOTE: This picture does not show the complete circuit.
Figure 33. Undervoltage Lockout Circuit for
Buck Converter
(5)
(12)
(4)
and
(6)


Similar Part No. - LM2574_06

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
LM2574 MICREL-LM2574_05 Datasheet
192Kb / 8P
   52kHz Simple 0.5A Buck Regulator
More results

Similar Description - LM2574_06

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM2575 ONSEMI-LM2575_05 Datasheet
364Kb / 28P
   1.0 A, Adjustable Output Voltage, Step?묭own Switching Regulator
November, 2005 ??Rev. 8
LM2574 ONSEMI-LM2574 Datasheet
279Kb / 28P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
February, 2002 ??Rev. 5
LM2574 ONSEMI-LM2574_15 Datasheet
234Kb / 26P
   0.5 A, Adjustable Output Voltage, Step-Down Switching Regulator
January, 2015 ??Rev. 9
logo
KODENSHI_AUK CORP.
SN317MPI KODENSHI-SN317MPI Datasheet
376Kb / 8P
   [ 0.5 A Adjustable Output ] Positive Voltage Regulator
logo
ON Semiconductor
LM2575T-15G ONSEMI-LM2575T-15G Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575T-005G ONSEMI-LM2575T-005G Datasheet
461Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575_09 Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2575 ONSEMI-LM2575 Datasheet
382Kb / 26P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
May, 2004 ??Rev. 6
LM2575T-ADJ ONSEMI-LM2575T-ADJ Datasheet
497Kb / 28P
   1.0 A, Adjustable Output Voltage, Step-Down Switching Regulator
June, 2009 ??Rev. 11
LM2576 ONSEMI-LM2576_06 Datasheet
276Kb / 28P
   3.0 A, 15 V, Step?묭own Switching Regulator
January, 2006 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com