Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM350 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. LM350
Description  3.0 A, Adjustable Output, Positive Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

LM350 Datasheet(HTML) 6 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
LM350
http://onsemi.com
6
Figure 13. Ripple Rejection versus Output Voltage
Figure 14. Ripple Rejection versus Output Current
Figure 15. Ripple Rejection versus Frequency
Figure 16. Output Impedance
Figure 17. Line Transient Response
Figure 18. Load Transient Response
1.5
1.0
0.5
0
−0.5
−1.0
−1.5
1.0
0.5
0
010
20
30
40
t, TIME (
ms)
CL = 1.0 mF; CAdj = 10 mF
CL = 0; Without CAdj
Vin
Vout = 10 V
IL = 50 mA
TJ = 25°C
3
2
1
0
−1
−2
−3
1.5
1.0
0.5
0
010
20
30
40
t, TIME (
ms)
CL = 0; Without CAdj
CL = 1.0 mF; CAdj = 10 mF
Vin = 15 V
Vout = 10 V
INL = 50 mA
TJ = 25°C
IL
100
80
60
40
20
0
0
5
10
15
20
25
30
35
Vout, OUTPUT VOLTAGE (V)
Vin − Vout = 5 V
IL = 500 mA
f = 120 Hz
TJ = 25°C
Without CAdj
CAdj = 10 mF
120
100
80
60
40
20
0
0.01
0.1
1
10
Iout, OUTPUT CURRENT (A)
Vin − Vout = 5 V
IL = 500 mA
f = 120 Hz
TJ = 25°C
Without CAdj
CAdj = 10 mF
Without CAdj
100
80
60
40
20
0
10
100
1.0 k
10 k
100 k
1.0 M
10 M
f, FREQUENCY (Hz)
IL = 500 mA
Vin = 15 V
Vout = 10 V
TJ = 25°C
CAdj = 10 mF
Vin = 15 V
Vout = 10 V
IL = 500 mA
TJ = 25°C
CAdj = 10 mF
Without CAdj
101
100
10−1
10−2
10−3
10
100
1.0 k
10 k
100 k
1.0 M
f, FREQUENCY (Hz)
140


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn