Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM337 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. LM337
Description  1.5 A, Adjustable Output, Negative Voltage Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

LM337 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
LM337
http://onsemi.com
5
Figure 5. Load Regulation
Figure 6. Current Limit
Figure 7. Adjustment Pin Current
Figure 8. Dropout Voltage
Figure 9. Temperature Stability
Figure 10. Minimum Operating Current
IL = 0.5 A
IL = 1.5 A
Vin = −15 V
Vout = −10 V
TJ = 25°C
1.0 A
500 mA
200 mA
20 mA
Vout = −5.0 V
DVO = 100 mV
IL = 1.5 A
TJ = 25°C
0.2
0
−0.2
−0.4
−0.6
−0.8
−1.0
−1.2
−1.4
4.0
3.0
2.0
1.0
0
80
75
70
65
60
55
50
45
40
3.0
2.5
2.0
1.5
1.0
1.27
1.26
1.25
1.24
1.23
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
0
10
203040
Vin−Vout , INPUT−OUTPUT VOLTAGE DIFFERENTIAL (Vdc)
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
−50
−25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (°C)
10
20
30
40
0
Vin−Vout , INPUT−OUTPUT VOLTAGE DIFFERENTIAL (Vdc)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn