Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM317M Datasheet(PDF) 3 Page - ON Semiconductor

Part No. LM317M
Description  500 mA Adjustable Output, Positive Voltage Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

LM317M Datasheet(HTML) 3 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
LM317M
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (VI − VO = 5.0 V; IO = 0.1 A, TJ = Tlow to Thigh (Note 6), unless otherwise noted.)
Characteristics
Figure
Symbol
LM317MA / LM317MAB
Unit
Min
Typ
Max
Line Regulation (Note 7) (TA = 25°C, 3.0 V ≤ VI − VO ≤ 40 V)
3
Regline
0.01
0.04
%/V
Load Regulation (Note 7)
TA = 25°C, 10 mA ≤ IO ≤ 0.5 A
VO ≤ 5.0 V
VO ≥ 5.0 V
4
Regload
5.0
0.1
25
0.5
mV
% VO
Adjustment Pin Current
5
IAdj
50
100
mA
Adjustment Pin Current Change
2.5 V
≤ VI − VO ≤ 40 V, 10 mA ≤ IL ≤ 0.5 A, PD ≤ Pmax
3, 4
DIAdj
0.2
5.0
mA
Reference Voltage
3.0 V
≤ VI − VO ≤ 40 V, 10 mA ≤ IL ≤ 0.5 A, PD ≤ Pmax
5
Vref
1.225
1.250
1.275
V
Line Regulation (Note 7)
3.0 V
≤ VI−VO ≤ 40 V
3
Regline
0.02
0.07
%/V
Load Regulation (Note 7)
10 mA
≤ IO ≤ 0.5 A
VO ≤ 5.0 V
VO ≥ 5.0 V
4
Regload
20
0.3
70
1.5
mV
% VO
Temperature Stability (Tlow ≤ TJ ≤ Thigh)
5
TS
0.7
% VO
Minimum Load Current to Maintain Regulation (VI − VO = 40 V)
5
ILmin
3.5
10
mA
Maximum Output Current
VI − VO ≤ 15 V, PD ≤ Pmax
VI − VO = 40 V, PD ≤ Pmax, TA = 25°C
5
Imax
0.5
0.15
0.9
0.25
A
RMS Noise, % of VO (TA = 25°C, 10 Hz ≤ f ≤ 10 kHz)
N
% VO
Ripple Rejection, VO = 10 V, f = 120 Hz (Note 8)
Without CAdj
CAdj = 10 mF
6
RR
66
65
80
dB
Long−Term Stability, TJ = Thigh (Note 9)
TA= 25°C for End−point Measurements
5
S
0.3
1.0
%/1.0
kHrs.
6. Tlow to Thigh = 0° to +125°C for LM317MA
Tlow to Thigh = − 40° to +125°C for LM317MAB.
7. Load and line regulation are specified at constant junction temperature. Changes in VO due to heating effects must be taken into account
separately. Pulse testing with low duty cycle is used.
8. CAdj, when used, is connected between the adjustment pin and ground.
9. Since Long−Term Stability cannot be measured on each device before shipment, this specification is an engineering estimate of average
stability from lot−to−lot.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn