Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM301AD Datasheet(PDF) 1 Page - ON Semiconductor

Part # LM301AD
Description  Non Compensated Single Operational Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM301AD Datasheet(HTML) 1 Page - ON Semiconductor

  LM301AD Datasheet HTML 1Page - ON Semiconductor LM301AD Datasheet HTML 2Page - ON Semiconductor LM301AD Datasheet HTML 3Page - ON Semiconductor LM301AD Datasheet HTML 4Page - ON Semiconductor LM301AD Datasheet HTML 5Page - ON Semiconductor LM301AD Datasheet HTML 6Page - ON Semiconductor LM301AD Datasheet HTML 7Page - ON Semiconductor LM301AD Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
© Semiconductor Components Industries, LLC, 2005
July, 2005 − Rev. 10
1
Publication Order Number:
LM301A/D
LM301A, LM201A, LM201AV
Non Compensated Single
Operational Amplifiers
A general purpose operational amplifier that allows the user to
choose the compensation capacitor best suited to his needs. With
proper compensation, summing amplifier slew rates to 10 V/
ms can be
obtained.
Features
Low Input Offset Current: 20 nA Maximum Over Temperature
Range
External Frequency Compensation for Flexibility
Class AB Output Provides Excellent Linearity
Output Short Circuit Protection
Guaranteed Drift Characteristics
Pb−Free Packages are Available
Figure 1. Standard Compensation
and Offset Balancing Circuit
Balance
VEE
VCC
Output
Inverting
Input
Balance
10 M
W
Freq
Compen
30 pF
VEE
20 k
+
Non−
Inverting
Input
5.1 M
W
VCC
VO
VUT
VI
VEE
VCC
VLT
VEE
MZ4622 or Equiv.
VO
VO = 4.8 V for
VLT ≤ VI ≤ VUT
VO = −0.4 V
VI < VLT or VI > VUT
(Pins Not Shown Are Not Connected)
+
3.9 V
Figure 2. Double−Ended Limit Detector
PDIP−8
N SUFFIX
CASE 626
1
8
SOIC−8
D SUFFIX
CASE 751
1
8
Compensation
VCC
Output
Balance
VEE 4
Balance 1
2
3
8
7
6
5
Inputs
(Top View)
PIN CONNECTIONS
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
MARKING
DIAGRAMS
x
= 2 or 3
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G
= Pb−Free Package
G
= Pb−Free Package
1
8
LMx01AN
AWL
YYWWG
LMx01
ALYW
G
1
8


Similar Part No. - LM301AD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM301AD MOTOROLA-LM301AD Datasheet
130Kb / 6P
   Operational Amplifiers
logo
STMicroelectronics
LM301AD STMICROELECTRONICS-LM301AD Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM301ADG ONSEMI-LM301ADG Datasheet
167Kb / 7P
   Non Compensated Single Operational Amplifiers
December, 2011 ??Rev. 11
LM301ADR2G ONSEMI-LM301ADR2G Datasheet
167Kb / 7P
   Non Compensated Single Operational Amplifiers
December, 2011 ??Rev. 11
More results

Similar Description - LM301AD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM301A ONSEMI-LM301A_11 Datasheet
167Kb / 7P
   Non Compensated Single Operational Amplifiers
December, 2011 ??Rev. 11
logo
Siemens Semiconductor G...
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
   Single Operational Amplifiers
logo
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
   Single Operational Amplifiers
logo
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
   Single Operational Amplifiers
logo
National Semiconductor ...
MJLM108A-X NSC-MJLM108A-X Datasheet
440Kb / 19P
   OPERATIONAL AMPLIFIERS (SINGLE)
logo
STMicroelectronics
LM201ADT STMICROELECTRONICS-LM201ADT Datasheet
227Kb / 11P
   SINGLE OPERATIONAL AMPLIFIERS
logo
Elantec Semiconductor
EL2423D ELANTEC-EL2423D Datasheet
328Kb / 1P
   Quad De-Compensated High Speed Operational Amplifiers
logo
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Siemens Semiconductor G...
TAE1453 SIEMENS-TAE1453 Datasheet
246Kb / 11P
   Single PNP-Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com