Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LM285 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. LM285
Description  Micropower Voltage Reference Diodes
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

LM285 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
LM285, LM385B
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (TA = 25°C, unless otherwise noted)
Characteristic
Symbol
LM285−1.2
LM385−1.2/LM385B−1.2
Unit
Min
Typ
Max
Min
Typ
Max
Reverse Breakdown Voltage Change with Current
IRmin v IR v 1.0 mA, TA = +25°C
TA = Tlow to Thigh (Note 2)
1.0 mA
v IR v 20 mA, TA = +25°C
TA = Tlow to Thigh (Note 2)
DV(BR)R
1.0
1.5
10
20
2.0
2.5
20
25
mV
Reverse Dynamic Impedance
IR = 100 mA, TA = +25°C
Z
0.6
0.6
W
Average Temperature Coefficient
20
mA v IR v 20 mA, TA = Tlow to Thigh (Note 2)
DV(BR)/DT
80
80
ppm/
°C
Wideband Noise (RMS)
IR = 100 mA, 10 Hz v f v 10 kHz
n
120
120
mV
Long Term Stability
IR = 100 mA, TA = +25°C ± 0.1°C
S
20
20
ppm/kHR
2. Tlow
= −40
°C for LM285−1.2, LM285−2.5
Thigh = +85°C for LM285−1.2, LM285−2.5
Tlow
= 0
°C for LM385−1.2, LM385B−1.2, LM385−2.5, LM385B−2.5
Thigh =+70°C for LM385−1.2, LM385B−1.2, LM385−2.5, LM385B−2.5


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn