Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

L4949 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. L4949
Description  100 mA, 5.0 V, Low Dropout Voltage Regulator with Power−On Reset
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

L4949 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
L4949, NCV4949
http://onsemi.com
5
TYPICAL CHARACTERIZATION CURVES (continued)
6.0
5.0
4.0
3.0
2.0
4.0
4.1
Vout, OUTPUT VOLTAGE (V)
1.0
0
Resistor 10 k
from Reset Output
to 5.0 V
TJ = 25°C
4.2
4.3
4.4
4.5
4.6
4.7
4.8
4.9
5.0
4.7
4.66
4.62
4.58
4.5
−40
−20
TJ, JUNCTION TEMPERATURE (°C)
4.46
4.42
Upper Threshold
0
20
40
60
80
100
120
4.54
Lower Threshold
Figure 8. Reset Output versus
Regulator Output Voltage
Figure 9. Reset Thresholds versus
Junction Temperature
6.0
5.0
4.0
2.0
1.0
1.15
VSI, SENSE INPUT VOLTAGE (V)
1.0
0
TJ = 25°C
1.2
1.25
1.3
1.35
1.4
1.45
1.5
3.0
Resistor 10 k
from Sense Output
to 5.0 V
1.1
1.05
1.4
1.38
1.36
1.34
1.3
−40
−20
TJ, JUNCTION TEMPERATURE (°C)
1.28
1.2
Upper Threshold
0
20
40
60
80
100
120
1.32
Lower Threshold
1.26
1.24
1.22
Figure 10. Sense Output versus
Sense Input Voltage
Figure 11. Sense Thresholds versus
Junction Temperature


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn