Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3087EEN Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP3087EEN
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3087EEN Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP3087EEN Datasheet HTML 5Page - Sipex Corporation SP3087EEN Datasheet HTML 6Page - Sipex Corporation SP3087EEN Datasheet HTML 7Page - Sipex Corporation SP3087EEN Datasheet HTML 8Page - Sipex Corporation SP3087EEN Datasheet HTML 9Page - Sipex Corporation SP3087EEN Datasheet HTML 10Page - Sipex Corporation SP3087EEN Datasheet HTML 11Page - Sipex Corporation SP3087EEN Datasheet HTML 12Page - Sipex Corporation SP3087EEN Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
9
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Proagation Delay vs
Temerature (SP3080-SP3082)
870
880
890
900
910
920
930
940
950
960
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
tPLH
tPHL
RL
L=50pF
R
L=54Ω, CL=50pF
Output Current vs Receiver Low Voltage
0
10
20
30
40
50
60
0
1
2
3
4
5
Output Low Voltage (V)
Output Current (mA)
Output Current vs Receiver Output High
Voltage
0
5
10
15
20
25
30
35
0
1
2
3
4
5
Output High Voltage (V)
Output Current (mA)
Driver Average Propagation Delay vs
Temperature (SP3080-SP3082)
870
880
890
900
910
920
930
940
950
960
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
RL
L=50pF
R
L=54Ω, CL=50pF
Driver Average Propagation Delay
vs Temperature (SP3083-SP3085)
410
415
420
425
430
435
-60
-40
-20
0
20
40
60
80
100
Temperature (ºC)
Propagation Delay (ns)
R
L
L=50pF
RL=54Ω, CL=50pF


Similar Part No. - SP3087EEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3087EEN-L EXAR-SP3087EEN-L Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3087EEN-L/TR EXAR-SP3087EEN-L/TR Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results

Similar Description - SP3087EEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com