Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

J110RLRAG Datasheet(PDF) 2 Page - ON Semiconductor

Part # J110RLRAG
Description  JFET ??General Purpose N?묬hannel ??Depletion
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

J110RLRAG Datasheet(HTML) 2 Page - ON Semiconductor

  J110RLRAG Datasheet HTML 1Page - ON Semiconductor J110RLRAG Datasheet HTML 2Page - ON Semiconductor J110RLRAG Datasheet HTML 3Page - ON Semiconductor J110RLRAG Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
J110
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
STATIC CHARACTERISTICS
Gate −Source Breakdown Voltage
(IG = −1.0 mAdc)
V(BR)GSS
−25
Vdc
Gate Reverse Current
(VGS = −15 Vdc, VDS = 0)
(VGS = −15 Vdc, VDS = 0, TA = 100°C)
IGSS
−3.0
−200
nAdc
Gate−Source Cutoff Voltage
(VDS = 5.0 Vdc, ID = 1.0 mAdc)
VGS(off)
−0.5
−4.0
Vdc
Drain Source On−Resistance
(VDS v 0.1 V, VGS = 0 V)
RDS(on)
18
W
Zero−Gate−Voltage Drain Current (Note 1)
(VDS = 15 Vdc)
IDSS
10
mAdc
DYNAMIC CHARACTERISTICS
Drain−Gate and Source−Gate On−Capacitance
(VDS = VGS = 0, f = 1.0 MHz)
Cdg(on)
+
Csg(on)
85
pF
Drain−Gate Off−Capacitance
(VGS = −10 Vdc, f = 1.0 MHz)
Cdg(off)
15
pF
Source−Gate Off−Capacitance
(VGS = −10 Vdc, f = 1.0 MHz)
Csg(off)
15
pF
1. Pulse Width = 300
ms, Duty Cycle = 3.0%.
0
−20
40
−4
VGS, GATE−SOURCE VOLTAGE (VOLTS)
0
VGS, GATE−SOURCE VOLTAGE (VOLTS)
Figure 1. Common Source Input Capacitance
versus Gate−Source Voltage
Figure 2. Common Source Reverse Feedback
Capacitance versus Gate−Source Voltage
100
0
−20
−8
20
VDS = 0 V
60
VDS = 0 V
0
100
40
−12
−12
−16
−4
−8
−16
80
80
20
60
5 V
10 V
5 V
10 V
0−8
8
−2
−1
VGS(off), GATE−SOURCE CUTOFF VOLTAGE (VOLTS)
0
VDS, DRAIN−SOURCE VOLTAGE (VOLTS)
Figure 3. On−Resistance versus Gate−Source
Cutoff Voltage
Figure 4. Output Characteristic
VGS(off) = −2.0 V
28
20
−3
4
12
VGS = 0 V
16
0
100
40
12
−4
−5
−6
−7
4
6
10
14
16
18
80
20
60
VGS(off): VDS = 5 V
VGS(off): ID = 1.0 mA
RDS(on): VDS ≤ 0.1 V
RDS(on): VGS = 0 V
0
90
30
70
10
50
−0.25 V
−0.5 V
−0.75 V
−1.25 V
−1 V


Similar Part No. - J110RLRAG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
J110 PHILIPS-J110 Datasheet
45Kb / 7P
   N-channel silicon junction FETs
1996 Jul 30
logo
Fairchild Semiconductor
J110 FAIRCHILD-J110 Datasheet
47Kb / 4P
   N-Channel Switch
logo
Calogic, LLC
J110 CALOGIC-J110 Datasheet
21Kb / 1P
   N-Channel JFET Switch
logo
InterFET Corporation
J110 INTERFET-J110 Datasheet
92Kb / 1P
   N-Channel Silicon Junction Field-Effect Transistor
logo
Fairchild Semiconductor
J110 FAIRCHILD-J110 Datasheet
169Kb / 7P
   N-Channel Switch
More results

Similar Description - J110RLRAG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5457 ONSEMI-2N5457_06 Datasheet
56Kb / 5P
   JFETs ??General Purpose N?묬hannel ??Depletion
March, 2006 ??Rev. 5
BSR58LT1 ONSEMI-BSR58LT1 Datasheet
92Kb / 4P
   JFET Chopper Transistor N?묬hannel ??Depletion
August, 2005 ??Rev. 1
J111 ONSEMI-J111 Datasheet
85Kb / 5P
   JFET Chopper Transistors N?묬hannel - Depletion
March, 2006 ??Rev. 2
MPF4392 ONSEMI-MPF4392_06 Datasheet
75Kb / 6P
   JFET Switching Transistors N?묬hannel ??Depletion
January, 2006 ??Rev. 5
2N5486 ONSEMI-2N5486_06 Datasheet
146Kb / 6P
   JFET VHF/UHF Amplifiers N?묬hannel - Depletion
October, 2006 ??Rev. 2
2N5460 ONSEMI-2N5460_06 Datasheet
60Kb / 5P
   JFET Amplifier P?묬hannel ??Depletion
March, 2006 ??Rev. 5
MMBFJ177LT1G ONSEMI-MMBFJ177LT1G_09 Datasheet
114Kb / 3P
   JFET Chopper P?묬hannel ??Depletion
August, 2009 ??Rev. 4
MMBF5484LT1 ONSEMI-MMBF5484LT1_06 Datasheet
148Kb / 6P
   JFET Transistor N?묬hannel
February, 2006 ??Rev. 3
2N5555 ONSEMI-2N5555_01 Datasheet
175Kb / 8P
   JFET Switching N-Channel - Depletion
November, 2001 ??Rev. 3
logo
Motorola, Inc
2N4856 MOTOROLA-2N4856 Datasheet
278Kb / 2P
   JFET SWITCHING N-CHANNEL-DEPLETION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com