Electronic Components Datasheet Search |
|
CS51414GDR8G Datasheet(PDF) 3 Page - ON Semiconductor |
|
CS51414GDR8G Datasheet(HTML) 3 Page - ON Semiconductor |
3 / 20 page CS51411, CS51412, CS51413, CS51414 http://onsemi.com 3 PRODUCT SELECTION GUIDE Part Number Frequency Temperature Range Bias/Sync CS51411E 260 kHz −40 °C to 85°C Sync CS51411G 260 kHz 0 °C to 70°C Sync CS51412E 260 kHz −40 °C to 85°C Bias CS51412G 260 kHz 0 °C to 70°C Bias CS51413E 520 kHz −40 °C to 85°C Sync CS51413G 520 kHz 0 °C to 70°C Sync CS51414E 520 kHz −40 °C to 85°C Bias CS51414G 520 kHz 0 °C to 70°C Bias SYNC VFB VSW 2 GND SHDNB CS51411/3 1N4148 3.3 V D3 15 mH VIN 100 mF 100 mF 0.1 mF Figure 1. Application Diagram, 4.5 V − 16 V to 3.3 V @ 1.0 A Converter C1 C3 R1 R2 C4 0.1 mF SYNC Shutdown L1 C2 4.5 V − 16 V D1 205 127 1 3 7 6 8 4 5 1N5821 BOOST U1 VC MAXIMUM RATINGS Rating Value Unit Operating Junction Temperature Range, TJ −40 to 150 °C Lead Temperature Soldering: Reflow: (SMD styles only) (Note 1) 230 peak °C Storage Temperature Range, TS −65 to +150 °C ESD Damage Threshold (Human Body Model) 2.0 kV Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. 1. 60 second maximum above 183 °C. |
Similar Part No. - CS51414GDR8G |
|
Similar Description - CS51414GDR8G |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |