Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FOD3180SD Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FOD3180SD
Description  2A Output Current, High Speed MOSFET Gate Driver Optocoupler
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FOD3180SD Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FOD3180SD Datasheet HTML 4Page - Fairchild Semiconductor FOD3180SD Datasheet HTML 5Page - Fairchild Semiconductor FOD3180SD Datasheet HTML 6Page - Fairchild Semiconductor FOD3180SD Datasheet HTML 7Page - Fairchild Semiconductor FOD3180SD Datasheet HTML 8Page - Fairchild Semiconductor FOD3180SD Datasheet HTML 9Page - Fairchild Semiconductor FOD3180SD Datasheet HTML 10Page - Fairchild Semiconductor FOD3180SD Datasheet HTML 11Page - Fairchild Semiconductor FOD3180SD Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
8
www.fairchildsemi.com
FOD3180 Rev. 1.0.3
Package Dimensions
Through Hole
Surface Mount
Note:
All dimensions are in inches (millimeters)
0.4" Lead Spacing
8-Pin DIP – Land Pattern
0.200 (5.08)
0.140 (3.55)
0.100 (2.54) TYP
0.022 (0.56)
0.016 (0.41)
0.020 (0.51) MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.045 (1.14)
2
41
56
7
8
0.300 (7.62)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
15° MAX
PIN 1
ID.
Lead Coplanarity : 0.004 (0.10) MAX
0.270 (6.86)
0.250 (6.35)
0.390 (9.91)
0.370 (9.40)
0.022 (0.56)
0.016 (0.41)
0.100 (2.54)
TYP
0.020 (0.51)
MIN
0.070 (1.78)
0.045 (1.14)
0.300 (7.62)
TYP
0.405 (10.30)
MIN
0.315 (8.00)
MIN
0.045 [1.14]
32
1
4
56
7
8
0.016 (0.41)
0.008 (0.20)
PIN 1
ID.
0.200 (5.08)
0.140 (3.55)
0.100 (2.54) TYP
0.022 (0.56)
0.016 (0.41)
0.004 (0.10) MIN
0.390 (9.91)
0.370 (9.40)
0.270 (6.86)
0.250 (6.35)
3
0.070 (1.78)
0.045 (1.14)
2
41
56
7
8
0.400 (10.16)
TYP
0.154 (3.90)
0.120 (3.05)
0.016 (0.40)
0.008 (0.20)
0° to 15°
PIN 1
ID.
0.070 (1.78)
0.060 (1.52)
0.030 (0.76)
0.100 (2.54)
0.295 (7.49)
0.415 (10.54)


Similar Part No. - FOD3180SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3180SD FAIRCHILD-FOD3180SD Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180SD ONSEMI-FOD3180SD Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3180SDV FAIRCHILD-FOD3180SDV Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180SDV ONSEMI-FOD3180SDV Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
More results

Similar Description - FOD3180SD

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FOD3180 FAIRCHILD-FOD3180_08 Datasheet
294Kb / 13P
   2A Output Current, High Speed MOSFET Gate Driver Optocoupler
FOD3182 FAIRCHILD-FOD3182 Datasheet
654Kb / 23P
   3A Output Current, High Speed MOSFET Gate Driver Optocoupler
logo
Diodes Incorporated
FOD3184 DIODES-FOD3184 Datasheet
658Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3182 ONSEMI-FOD3182 Datasheet
452Kb / 21P
   3 A Output Current, High Speed MOSFET Gate Driver Optocoupler
September, 2021 - Rev. 2
logo
Fairchild Semiconductor
FOD3184S FAIRCHILD-FOD3184S Datasheet
746Kb / 23P
   3A Output Current, High Speed MOSFET/IGBT Gate Driver Optocoupler
logo
ON Semiconductor
FOD3180 ONSEMI-FOD3180 Datasheet
393Kb / 14P
   2 A Output Current, High Speed MOSFET Gate Driver Optocoupler
April, 2023 - Rev. 2
logo
Fairchild Semiconductor
FOD3181 FAIRCHILD-FOD3181 Datasheet
745Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
FOD3181 FAIRCHILD-FOD3181_08 Datasheet
292Kb / 12P
   0.5A Ouput Current, High Speed MOSFET Gate Driver Optocoupler
logo
Clare, Inc.
IX3120 CLARE-IX3120 Datasheet
1Mb / 11P
   2.5A Output Current Gate Driver Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL3180 HP-HCPL3180 Datasheet
466Kb / 19P
   Current, High Speed IGBT/MOSFET Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com