Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SP3082EEN Datasheet(PDF) 5 Page - Sipex Corporation

Part # SP3082EEN
Description  Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP3082EEN Datasheet(HTML) 5 Page - Sipex Corporation

  SP3082EEN Datasheet HTML 1Page - Sipex Corporation SP3082EEN Datasheet HTML 2Page - Sipex Corporation SP3082EEN Datasheet HTML 3Page - Sipex Corporation SP3082EEN Datasheet HTML 4Page - Sipex Corporation SP3082EEN Datasheet HTML 5Page - Sipex Corporation SP3082EEN Datasheet HTML 6Page - Sipex Corporation SP3082EEN Datasheet HTML 7Page - Sipex Corporation SP3082EEN Datasheet HTML 8Page - Sipex Corporation SP3082EEN Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
5
Rev M 2/22/2007
SP3080E-3088E Advanced RS485 Transceivers
© Copyright 2007 Sipex Corporation
ELECTRICAL CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Digital Input Signals: DI, DE, RE
Logic input thresholds
High, VIH
2.0
V
Low, VIL
0.8
Logic Input Current
TA = 25°C, after first transition
±1
µA
Input Hysteresis
TA = 25°C
100
mV
Driver
Differential Driver Output (VOD)
No Load
VCC
V
Differential Driver Output, Test 1
RL=100Ω (RS-422)
2
VCC
V
RL=54Ω (RS-485)
1.5
2.7
VCC
Differential Driver Output, Test 2
VCM = -7 to +12V
1.5
VCC
Change in Magnitude of Differential Output
Voltage (∆VOD) (Note 1)
RL=54 or 100Ω
±0.2
V
Driver Common Mode Output Voltage (Vcc)
RL=54 or 100Ω
1
3
V
Change in Common Mode Output Voltage
(∆VOC)
RL=54 or 100Ω
±0.2
V
Driver Short Circuit Current Limit
-7V ≤ VOUT ≤ +12V
±250
mA
Output Leakage Current (Full-duplex versions,
Y & Z pins) Note 2
DE=0,
VOUT=12V
125
µA
RE=0,
VCC=0 or
5.5V
VOUT= -7V
-100
Receiver
Receiver Input Resistance
-7V ≤ VCM ≤ 12V
96
KΩ
Input Current (A, B pins)
DE=0,
RE=0,
Vcc=0 or
5.5V
VIN= 12V
125
VIN= -7V
-100
µA
Receiver Differential Threshold (VA-VB)
-7V ≤ VCM ≤ 12V
-200
-125
-40
mV
Receiver Input Hysteresis
25
mV
Receiver
Output
Voltage
VOH
IOUT = -8mA, VID = -40mV
Vcc-1.5
V
VOL
IOUT = 8mA, VID = -200mV
0.4
High-Z Receiver Output Current
VCC =5.5V, 0 ≤ VOUT ≤ VCC
± 1
µA
Receiver Output Short Circuit Current
0V ≤ VRO ≤ VCC
± 95
mA
Supply and Protection
Supply
Current
IQ, Active Mode
No load, DI=0 or VCC
400
900
µA
Shutdown Mode
DE=0, RE=Vcc, DI=VCC
1
µA
Thermal Shutdown Temperature
Junction temperature
165
o
C
Thermal Shutdown Hysteresis
15
Notes:
1. Change in Magnitude of Differential Output Voltage and Change in Magnitude of Common Mode Output Voltage are the changes in output voltage when DI input changes state.
2. Except devices which don’t have DE or RE inputs.
3. The transceivers are put into shutdown by bringing RE high and DE low. If the inputs are in this state for less than 50ns the device does not enter shutdown. If the enable inputs
are held in this state for at least 600ns the device is assured to be in shutdown. In this low power mode most circuitry is disabled and supply current is typically 1nA.
4.Characterized, not 100% tested.


Similar Part No. - SP3082EEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3082EEN-L EXAR-SP3082EEN-L Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
SP3082EEN-L/TR EXAR-SP3082EEN-L/TR Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
More results

Similar Description - SP3082EEN

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP3080E EXAR-SP3080E Datasheet
1Mb / 25P
   Advanced-Failsafe RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Sipex Corporation
SP3080E SIPEX-SP3080E Datasheet
555Kb / 21P
   Advanced-Failsafe RS-485/RS-422 Transceiver 1/8th Unit Load, Slew-Limited, 짹15kV ESD-Protected
logo
Exar Corporation
SP4082E EXAR-SP4082E Datasheet
412Kb / 14P
   5V RS-485/RS-422 Transceivers 1/8th Unit Load, Slew-Rate Limited, 짹15kV ESD-Protected
logo
Maxim Integrated Produc...
MAX481E MAXIM-MAX481E Datasheet
133Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
Rev 3; 7/96
MAX1487E MAXIM-MAX1487E Datasheet
310Kb / 16P
   짹15kV ESD-Protected, Slew-Rate-Limited, Low-Power, RS-485/RS-422 Transceivers
19-0410; Rev 4; 10/03
logo
Renesas Technology Corp
ISL8487E RENESAS-ISL8487E Datasheet
750Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL8487E INTERSIL-ISL8487E_06 Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL8487E INTERSIL-ISL8487E Datasheet
527Kb / 14P
   짹15kV ESD Protected, 1/8 Unit Load, 5V, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Shenzhen Huazhimei Semi...
HM3085 HMSEMI-HM3085 Datasheet
715Kb / 12P
   짹15kV ESD-Protected ,Fail-Safe Slew-Rate-Limited RS-485 Transceivers
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
   3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com