Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VCC4 Datasheet(PDF) 6 Page - Vectron International, Inc

Part No. VCC4
Description  1.8, 2.5, 3.3, 5.0 volt CMOS Oscillator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

VCC4 Datasheet(HTML) 6 Page - Vectron International, Inc

  VCC4 Datasheet HTML 1Page - Vectron International, Inc VCC4 Datasheet HTML 2Page - Vectron International, Inc VCC4 Datasheet HTML 3Page - Vectron International, Inc VCC4 Datasheet HTML 4Page - Vectron International, Inc VCC4 Datasheet HTML 5Page - Vectron International, Inc VCC4 Datasheet HTML 6Page - Vectron International, Inc VCC4 Datasheet HTML 7Page - Vectron International, Inc VCC4 Datasheet HTML 8Page - Vectron International, Inc VCC4 Datasheet HTML 9Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VCC4 Data sheet
Vectron International 267 Lowell Rd, Hudson NH 03051
Tel: 1-88-VECTRON-1
e-mail: vectron@vectron.com
Enable/Disable Functional Description
Under normal operation the Enable/Disable is left open, or set to a logic high state, and the VCC4 is
oscillating. When the E/D is set to a logic low, the oscillator stops and the output is in a high impedance
state. This helps reduce power consumption as well as facilitating board testing and troubleshooting.
TriState Functional Description
Under normal operation the Tristate is left open or set to a logic high state. When the Tri-State is set to a
logic low, the oscillator remains active but the output buffer is in a high impedance state. This helps facilitate
board testing and troubleshooting.
Outline Diagrams, Pad Layout and Pin Out
Table 5. Pinout
Pin #
Symbol
Function
1
E/D or NC
Tristate, Enable/Disable or NC
2
GND
Electrical and Case Ground
3
fO
Output Frequency
4
VDD
Supply Voltage
Contact Pads are gold over nickel
Figure 9, Package drawing
1.30 max


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn