Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC114YXV3T1 Datasheet(PDF) 1 Page - ON Semiconductor

Part # DTC114YXV3T1
Description  Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTC114YXV3T1 Datasheet(HTML) 1 Page - ON Semiconductor

  DTC114YXV3T1 Datasheet HTML 1Page - ON Semiconductor DTC114YXV3T1 Datasheet HTML 2Page - ON Semiconductor DTC114YXV3T1 Datasheet HTML 3Page - ON Semiconductor DTC114YXV3T1 Datasheet HTML 4Page - ON Semiconductor DTC114YXV3T1 Datasheet HTML 5Page - ON Semiconductor DTC114YXV3T1 Datasheet HTML 6Page - ON Semiconductor DTC114YXV3T1 Datasheet HTML 7Page - ON Semiconductor DTC114YXV3T1 Datasheet HTML 8Page - ON Semiconductor DTC114YXV3T1 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2004
January, 2004 − Rev. 0
1
Publication Order Number:
DTC114EXV3T1/D
DTC114EXV3T1 Series
Digital Transistors (BRT)
NPN Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The digital transistor
contains a single transistor with a monolithic bias network consisting
of two resistors; a series base resistor and a base−emitter resistor. The
digital transistor eliminates these individual components by
integrating them into a single device. The use of a digital transistor can
reduce both system cost and board space. The device is housed in the
SC−89 package which is designed for low power surface mount
applications.
Simplifies Circuit Design
Reduces Board Space
Reduces Component Count
Available in 8 mm, 7 inch/3000 Unit Tape & Reel
Lead−Free Solder Plating (Pure Sn)
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
NPN SILICON
DIGITAL
TRANSISTORS
SC−89
CASE 463C
STYLE 1
3
2
1
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
xx = Specific Device Code
(See Marking Table on page 2)
D = Date Code
MARKING DIAGRAM
http://onsemi.com
xx D
1
3
2


Similar Part No. - DTC114YXV3T1

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
DTC114YXX RECTRON-DTC114YXX Datasheet
1Mb / 15P
   DIGITAL TRANSISTOR(NPN)
More results

Similar Description - DTC114YXV3T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114EM3T5G ONSEMI-DTC114EM3T5G Datasheet
82Kb / 10P
   Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
March, 2006 ??Rev. 3
logo
AiT Semiconductor Inc.
DTA114EE AITSEMI-DTA114EE Datasheet
719Kb / 10P
   DIGITAL TRANSISTORS (BRT) NPN TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
ON Semiconductor
DTA114EM3T5G ONSEMI-DTA114EM3T5G Datasheet
124Kb / 12P
   Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
February, 2004 ??Rev. 0
logo
AiT Semiconductor Inc.
DTA114EM AITSEMI-DTA114EM Datasheet
1Mb / 14P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTORS WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
Leshan Radio Company
LMUN2237LT1 LRC-LMUN2237LT1 Datasheet
100Kb / 4P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LDTC114EET1G LEIDITECH-LDTC114EET1G Datasheet
1Mb / 9P
   Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
ON Semiconductor
EMG2DXV5T1 ONSEMI-EMG2DXV5T1 Datasheet
69Kb / 7P
   Dual Bias Resistor Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
October, 2005 ??Rev. 0
logo
AiT Semiconductor Inc.
DTA114EW AITSEMI-DTA114EW Datasheet
448Kb / 5P
   BIAS RESISTOR TRANSISTORS NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.1
logo
Shanghai Leiditech Elec...
LDTA114EET1G LEIDITECH-LDTA114EET1G Datasheet
1Mb / 12P
   Bias Resistor Transistors PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
logo
Leshan Radio Company
LMUN2135LT1 LRC-LMUN2135LT1 Datasheet
81Kb / 4P
   Bias Resistor Transistors, PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com