Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317MQDCYR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM317MQDCYR
Description  3-TERMINAL ADJUSTABLE REGULATOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM317MQDCYR Datasheet(HTML) 3 Page - Texas Instruments

  LM317MQDCYR Datasheet HTML 1Page - Texas Instruments LM317MQDCYR Datasheet HTML 2Page - Texas Instruments LM317MQDCYR Datasheet HTML 3Page - Texas Instruments LM317MQDCYR Datasheet HTML 4Page - Texas Instruments LM317MQDCYR Datasheet HTML 5Page - Texas Instruments LM317MQDCYR Datasheet HTML 6Page - Texas Instruments LM317MQDCYR Datasheet HTML 7Page - Texas Instruments LM317MQDCYR Datasheet HTML 8Page - Texas Instruments LM317MQDCYR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
www.ti.com
TYPICAL CHARACTERISTICS
0
25
50
75
100
125
0
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
TJ − Temperature − °C
VI = 4.25 V to 41.25 V
VO = Vref
IL = 10 mA
0
25
50
TJ − Temperature − °C
0.20
0.15
0.10
0.05
0.00
−0.05
−0.10
−0.15
−0.20
−0.25
−0.30
−0.35
−0.40
75
100
125
VI = 45 V
VO = 5 V
IL = 10 mA to 100 mA
VI = 10 V
VO = 5 V
IL = 10 mA to 40 mA
0
25
50
53
51
49
47
45
43
41
39
37
35
IL = 10 mA
IL = 100 mA
TJ − Temperature − °C
55
75
100
125
VI = 6.25 V
VO = Vref
0
25
50
TJ − Temperature − °C
1.260
VI = 4.25 V
VO = Vref
IL = 10 mA
1.255
1.250
1.245
1.240
1.235
1.230
1.225
1.220
75
100
125
LM317M
3-TERMINAL ADJUSTABLE REGULATOR
SLVS297O – APRIL 2000 – REVISED JULY 2006
LINE REGULATION
LOAD REGULATION
vs
vs
TEMPERATURE
TEMPERATURE
Figure 1.
Figure 2.
ADJUST TERMINAL CURRENT
TEMPERATURE STABILITY
vs
vs
TEMPERATURE
TEMPERATURE
Figure 3.
Figure 4.
3
Submit Documentation Feedback


Similar Part No. - LM317MQDCYR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317MQDCYR TI-LM317MQDCYR Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQDCYR TI-LM317MQDCYR Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQDCYR TI-LM317MQDCYR Datasheet
398Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317MQDCYR TI1-LM317MQDCYR Datasheet
937Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM317MQDCYRG3 TI-LM317MQDCYRG3 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
More results

Similar Description - LM317MQDCYR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com