Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D45H8 Datasheet(PDF) 2 Page - ON Semiconductor

Part # D45H8
Description  Complementary Silicon Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

D45H8 Datasheet(HTML) 2 Page - ON Semiconductor

  D45H8 Datasheet HTML 1Page - ON Semiconductor D45H8 Datasheet HTML 2Page - ON Semiconductor D45H8 Datasheet HTML 3Page - ON Semiconductor D45H8 Datasheet HTML 4Page - ON Semiconductor D45H8 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D44H Series (NPN),
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TC = 25_C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Sustaining Voltage
D44H8, D45H8
(IC = 30 mAdc, IB = 0 Adc)
D44H11, D45H11
VCEO(sus)
60
80
Vdc
Collector Cutoff Current (VCE = Rated VCEO, VBE = 0)
ICES
10
mA
Emitter Cutoff Current (VEB = 5.0 Vdc)
IEBO
10
mA
ON CHARACTERISTICS
DC Current Gain
(VCE = 1.0 Vdc, IC = 2.0 Adc)
(VCE = 1.0 Vdc, IC = 4.0 Adc)
hFE
60
40
Collector−Emitter Saturation Voltage
(IC = 8.0 Adc, IB = 0.4 Adc)
VCE(sat)
1.0
Vdc
Base−Emitter Saturation Voltage
(IC = 8.0 Adc, IB = 0.8 Adc)
VBE(sat)
1.5
Vdc
DYNAMIC CHARACTERISTICS
Collector Capacitance
(VCB = 10 Vdc, ftest = 1.0 MHz)
D44H Series
D45H Series
Ccb
90
160
pF
Gain Bandwidth Product
(IC = 0.5 Adc, VCE = 10 Vdc, f = 20 MHz)
D44H Series
D45H Series
fT
50
40
MHz
SWITCHING TIMES
Delay and Rise Times
(IC = 5.0 Adc, IB1 = 0.5 Adc)
D44H Series
D45H Series
td + tr
300
135
ns
Storage Time
(IC = 5.0 Adc, IB1 = IB2 = 0.5 Adc)
D44H Series
D45H Series
ts
500
500
ns
Fall Time
(IC = 5.0 Adc, IB1 = 102 = 0.5 Adc)
D44H Series
D45H Series
tf
140
100
ns


Similar Part No. - D45H8

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
D45H8 MOSPEC-D45H8 Datasheet
157Kb / 3P
   POWER TRANSISTORS(10A,30-80V,50W)
logo
Savantic, Inc.
D45H8 SAVANTIC-D45H8 Datasheet
93Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
D45H8 ONSEMI-D45H8 Datasheet
103Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D45H8 NJSEMI-D45H8 Datasheet
78Kb / 2P
   Silicon PNP Power Transistors
logo
STMicroelectronics
D45H8 STMICROELECTRONICS-D45H8 Datasheet
49Kb / 4P
   PNP SILICON POWER TRANSISTORS
More results

Similar Description - D45H8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
STMicroelectronics
MJE172 STMICROELECTRONICS-MJE172_03 Datasheet
52Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
TIP31A STMICROELECTRONICS-TIP31A Datasheet
64Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP33B ONSEMI-TIP33B Datasheet
102Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
MJE4343 ONSEMI-MJE4343 Datasheet
142Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
1998
MJF15030 ONSEMI-MJF15030 Datasheet
246Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
1995
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
BD241A STMICROELECTRONICS-BD241A Datasheet
66Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
June 1997
BD243B STMICROELECTRONICS-BD243B Datasheet
34Kb / 4P
   COMPLEMENTARY SILICON POWER TRANSISTORS
September 1999
logo
Motorola, Inc
TIP35A MOTOROLA-TIP35A Datasheet
157Kb / 6P
   COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com