Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M25P10-A Datasheet(PDF) 1 Page - STMicroelectronics

Part No. M25P10-A
Description  1 Mbit, low voltage, Serial Flash memory with 50MHz SPI bus interface
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25P10-A Datasheet(HTML) 1 Page - STMicroelectronics

  M25P10-A_06 Datasheet HTML 1Page - STMicroelectronics M25P10-A_06 Datasheet HTML 2Page - STMicroelectronics M25P10-A_06 Datasheet HTML 3Page - STMicroelectronics M25P10-A_06 Datasheet HTML 4Page - STMicroelectronics M25P10-A_06 Datasheet HTML 5Page - STMicroelectronics M25P10-A_06 Datasheet HTML 6Page - STMicroelectronics M25P10-A_06 Datasheet HTML 7Page - STMicroelectronics M25P10-A_06 Datasheet HTML 8Page - STMicroelectronics M25P10-A_06 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
June 2006
Rev 7
1/49
1
M25P10-A
1 Mbit, low voltage, Serial Flash memory
with 50MHz SPI bus interface
Feature summary
1 Mbit of Flash Memory
Page Program (up to 256 Bytes) in 1.4ms
(typical)
Sector Erase (256 Kbit) in 0.8s (typical)
Bulk Erase (1 Mbit) in 2.5s (typical)
2.7 to 3.6V Single Supply Voltage
SPI Bus Compatible Serial Interface
50MHz Clock Rate (maximum)
Deep Power-down Mode 1
µA (typical)
Electronic Signatures
– JEDEC Standard two-Byte Signature
(2011h)
– RES Instruction, One-Byte, Signature
(10h), for backward compatibility
More than 20 Years’ Data Retention
Packages
– ECOPACK® (RoHS compliant)
8
1
SO8 (MN)
150 mil width
VFQFPN8 (MP)
(MLP8)
www.st.com


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn