Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS51031YD8G Datasheet(PDF) 3 Page - ON Semiconductor

Part # CS51031YD8G
Description  Fast P?묬h FET Buck Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS51031YD8G Datasheet(HTML) 3 Page - ON Semiconductor

  CS51031YD8G Datasheet HTML 1Page - ON Semiconductor CS51031YD8G Datasheet HTML 2Page - ON Semiconductor CS51031YD8G Datasheet HTML 3Page - ON Semiconductor CS51031YD8G Datasheet HTML 4Page - ON Semiconductor CS51031YD8G Datasheet HTML 5Page - ON Semiconductor CS51031YD8G Datasheet HTML 6Page - ON Semiconductor CS51031YD8G Datasheet HTML 7Page - ON Semiconductor CS51031YD8G Datasheet HTML 8Page - ON Semiconductor CS51031YD8G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CS51031
http://onsemi.com
3
ELECTRICAL CHARACTERISTICS (Specifications apply for 4.5
≤ VCC ≤ 16 V, 3.0 V ≤ VC ≤ 16 V;
Industrial Grade: −40
°C < TA < 85°C; −40°C < TJ < 125°C: Commercial Grade: 0°C < TA < 70°C; 0°C < TJ < 125°C, unless otherwise specified.)
Characteristic
Test Conditions
Min
Typ
Max
Unit
Oscillator
VFB = 1.2 V
Frequency
COSC = 470 pF
160
200
240
kHz
Charge Current
1.4 V < VCOSC < 2.0 V
110
mA
Discharge Current
2.7 V > VCOSC > 2.0 V
660
mA
Maximum Duty Cycle
1 − (tOFF/tON)
80.0
83.3
%
Short Circuit Timer
VFB = 1.0 V; CS = 0.1 mF; VCOSC = 2.0 V
Charge Current
1.0 V < VCS < 2.0 V
175
264
325
mA
Fast Discharge Current
2.55 V > VCS > 2.4 V
40
66
80
mA
Slow Discharge Current
2.4 V > VCS > 1.5 V
4.0
6.0
10
mA
Start Fault Inhibit Time
0 V < VCS < 2.5 V
0.70
0.85
1.40
ms
Valid Fault Time
2.6 V > VCS > 2.4 V
0.2
0.3
0.45
ms
GATE Inhibit Time
2.4 V > VCS > 1.5 V
9.0
15
23
ms
Fault Duty Cycle
2.5
3.1
4.6
%
CS Comparator
VFB = 1.0 V
Fault Enable CS Voltage
2.5
V
Max CS Voltage
VFB = 1.5 V
2.6
V
Fault Detect Voltage
VCS when GATE goes high
2.4
V
Fault Inhibit Voltage
Minimum VCS
1.5
V
Hold Off Release Voltage
VFB = 0 V
0.4
0.7
1.0
V
Regulator Threshold Voltage Clamp
VCS = 1.5 V
0.725
0.866
1.035
V
VFB Comparators
VCOSC = VCS = 2.0 V
Regulator Threshold Voltage
TJ = 25°C (Note 3)
TJ = −40 to 125°C
1.225
1.210
1.250
1.250
1.275
1.290
V
V
Fault Threshold Voltage
TJ = 25°C (Note 3)
TJ = −40 to 125°C
1.12
1.10
1.15
1.15
1.17
1.19
V
V
Threshold Line Regulation
4.5 V
≤ VCC ≤ 16 V
6.0
15
mV
Input Bias Current
VFB = 0 V
1.0
4.0
mA
Voltage Tracking
(Regulator Threshold − Fault Threshold Voltage)
70
100
120
mV
Input Hysteresis Voltage
4.0
20
mV
Power Stage
VCC = VC = 10 V; VFB = 1.2 V
GATE DC Low Saturation Voltage
VCOSC = 1.0 V; 200 mA Sink
1.2
1.5
V
GATE DC High Saturation Voltage
VCOSC = 2.7 V; 200 mA Source; VC = VGATE
1.5
2.1
V
Rise Time
CGATE = 1.0 nF; 1.5 V < VGATE < 9.0 V
25
60
ns
Fall Time
CGATE = 1.0 nF; 9.0 V > VGATE > 1.5 V
25
60
ns
VCC Monitor
Turn−On Threshold
4.200
4.400
4.600
V
Turn−Off Threshold
4.085
4.300
4.515
V
Hysteresis
65
130
200
mV
Current Drain
ICC
4.5 V < VCC < 16 V, Gate switching
4.5
6.0
mA
IC
3.0 V < VC < 16 V, Gate non−switching
2.7
4.0
mA
Shutdown ICC
VCC = 4.0
500
900
mA
3. Guaranteed by design, not 100% tested in production.


Similar Part No. - CS51031YD8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51031YD8G ONSEMI-CS51031YD8G Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
More results

Similar Description - CS51031YD8G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS51031 ONSEMI-CS51031_10 Datasheet
100Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 11
CS51033 ONSEMI-CS51033_05 Datasheet
96Kb / 10P
   Fast P?묬h FET Buck Controller
October, 2005 ??Rev. 10
logo
Texas Instruments
LM3409 TI1-LM3409 Datasheet
1Mb / 45P
[Old version datasheet]   P-FET Buck Controller for High-Power LED Drivers
logo
HTC Korea TAEJIN Techno...
LM51031 HTC-LM51031 Datasheet
273Kb / 9P
   Fast PFET Buck Controller
logo
ON Semiconductor
CS51031 ONSEMI-CS51031 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
December, 2001 ??Rev. 9
CS51033 ONSEMI-CS51033 Datasheet
86Kb / 12P
   Fast PFET Buck Controller
October, 2002 ??Rev. 8
logo
NTE Electronics
NTE2905 NTE-NTE2905 Datasheet
100Kb / 3P
   P?묬h, Enhancement Mode High Speed Switch
logo
Winbond
W83320S WINBOND-W83320S Datasheet
506Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Nuvoton Technology Corp...
W83321S NUVOTON-W83321S Datasheet
571Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
logo
Winbond
W83321S WINBOND-W83321S Datasheet
795Kb / 18P
   N-Channel FET Synchronous Buck Regulator Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com