Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BC337 Datasheet(PDF) 4 Page - ON Semiconductor

Part # BC337
Description  Amplifier Transistors NPN Silicon
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BC337 Datasheet(HTML) 4 Page - ON Semiconductor

  BC337 Datasheet HTML 1Page - ON Semiconductor BC337 Datasheet HTML 2Page - ON Semiconductor BC337 Datasheet HTML 3Page - ON Semiconductor BC337 Datasheet HTML 4Page - ON Semiconductor BC337 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
BC337, BC337−16, BC337−25, BC337−40, BC338−25
http://onsemi.com
4
ORDERING INFORMATION
Device
Package
Marking
Shipping
BC337
TO−92
7
5000 Units / Box
BC337G
TO−92
(Pb−Free)
7
5000 Units / Box
BC337RL1
TO−92
7
2000 / Tape & Reel
BC337RL1G
TO−92
(Pb−Free)
7
2000 / Tape & Reel
BC337ZL1
TO−92
7
2000 / Ammo Box
BC337ZL1G
TO−92
(Pb−Free)
7
2000 / Ammo Box
BC337−16
TO−92
7−16
5000 Units / Box
BC337−16G
TO−92
(Pb−Free)
7−16
5000 Units / Box
BC337−16RL1
TO−92
7−16
2000 / Tape & Reel
BC337−16RL1G
TO−92
(Pb−Free)
7−16
2000 / Tape & Reel
BC337−16ZL1
TO−92
7−16
2000 / Ammo Box
BC337−16ZL1G
TO−92
(Pb−Free)
7−16
2000 / Ammo Box
BC337−25
TO−92
7−25
5000 Units / Box
BC337−25G
TO−92
(Pb−Free)
7−25
5000 Units / Box
BC337−25RL1
TO−92
7−25
2000 / Tape & Reel
BC337−25RL1G
TO−92
(Pb−Free)
7−25
2000 / Tape & Reel
BC337−25ZL1
TO−92
7−25
2000 / Ammo Box
BC337−25ZL1G
TO−92
(Pb−Free)
7−25
2000 / Ammo Box
BC337−40
TO−92
7−40
5000 Units / Box
BC337−40G
TO−92
(Pb−Free)
7−40
5000 Units / Box
BC337−40RL1
TO−92
7−40
2000 / Tape & Reel
BC337−40RL1G
TO−92
(Pb−Free)
7−40
2000 / Tape & Reel
BC337−40ZL1
TO−92
7−40
2000 / Ammo Box
BC337−40ZL1G
TO−92
(Pb−Free)
7−40
2000 / Ammo Box
BC338−25ZL1
TO−92
8−25
2000 / Ammo Box
BC338−25ZL1G
TO−92
(Pb−Free)
8−25
2000 / Ammo Box
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.


Similar Part No. - BC337

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BC337 PHILIPS-BC337 Datasheet
245Kb / 19P
   45 V, 500 mA NPN general-purpose transistors
Rev. 06-17 November 2009
logo
Motorola, Inc
BC337 MOTOROLA-BC337 Datasheet
163Kb / 4P
   Amplifier Transistor
logo
Unisonic Technologies
BC337 UTC-BC337 Datasheet
47Kb / 2P
   SWITCHING AND AMPLIFIER APPLICATIONS
logo
KEC(Korea Electronics)
BC337 KEC-BC337 Datasheet
31Kb / 1P
   TO-92 PACKAGE
logo
Guangdong Kexin Industr...
BC337 KEXIN-BC337 Datasheet
888Kb / 2P
   NPN Transistors
More results

Similar Description - BC337

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS918 ONSEMI-MPS918 Datasheet
62Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996
2N5088 ONSEMI-2N5088_07 Datasheet
83Kb / 5P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 4
BC237 ONSEMI-BC237_06 Datasheet
54Kb / 4P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 4
2N5550 ONSEMI-2N5550_07 Datasheet
88Kb / 6P
   Amplifier Transistors NPN Silicon
March, 2007 ??Rev. 5
logo
New Jersey Semi-Conduct...
MPSU06F NJSEMI-MPSU06F Datasheet
83Kb / 1P
   NPN Silicon Amplifier Transistors
logo
Leshan Radio Company
MMBT6428LT1 LRC-MMBT6428LT1 Datasheet
209Kb / 4P
   Amplifier Transistors(NPN Silicon)
logo
ON Semiconductor
MBT6429DW1T1 ONSEMI-MBT6429DW1T1_05 Datasheet
79Kb / 5P
   Amplifier Transistors NPN Silicon
December, 2005 ??Rev. 2
BC237 ONSEMI-BC237 Datasheet
83Kb / 4P
   Amplifier Transistors(NPN Silicon)
1996 REV 1
logo
Motorola, Inc
BD525 MOTOROLA-BD525 Datasheet
82Kb / 2P
   NPN SILICON AMPLIFIER TRANSISTORS
logo
ON Semiconductor
MPS918 ONSEMI-MPS918_06 Datasheet
46Kb / 3P
   Amplifier Transistors NPN Silicon
January, 2006 ??Rev. 3
2N5209 ONSEMI-2N5209 Datasheet
277Kb / 6P
   Amplifier Transistors(NPN Silicon)
1996
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com