Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AC240SC Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74AC240SC
Description  Octal Buffer/Line Driver with 3-STATE Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AC240SC Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74AC240SC Datasheet HTML 1Page - Fairchild Semiconductor 74AC240SC Datasheet HTML 2Page - Fairchild Semiconductor 74AC240SC Datasheet HTML 3Page - Fairchild Semiconductor 74AC240SC Datasheet HTML 4Page - Fairchild Semiconductor 74AC240SC Datasheet HTML 5Page - Fairchild Semiconductor 74AC240SC Datasheet HTML 6Page - Fairchild Semiconductor 74AC240SC Datasheet HTML 7Page - Fairchild Semiconductor 74AC240SC Datasheet HTML 8Page - Fairchild Semiconductor 74AC240SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
www.fairchildsemi.com
74AC240, 74ACT240 Rev. 1.0.0
DC Electrical Characteristics for AC
Notes:
2. All outputs loaded; thresholds on input associated with output under test.
3. Maximum test duration 2.0ms, one output loaded at a time.
4. IIN and ICC @ 3.0V are guaranteed to be less than or equal to the respective limit @ 5.5V VCC.
Symbol
Parameter
Conditions
VCC
(V)
TA = +25°CTA = −40°C to +85°C
Units
Typ.
Guaranteed Limits
VIH
Minimum HIGH Level
Input Voltage
VOUT = 0.1V or VCC − 0.1V
3.0
1.5
2.1
2.1
V
4.5
2.25
3.15
3.15
5.5
2.75
3.85
3.85
VIL
Maximum LOW Level
Input Voltage
VOUT = 0.1V or VCC − 0.1V
3.0
1.5
0.9
0.9
V
4.5
2.25
1.35
1.35
5.5
2.75
1.65
1.65
VOH
Minimum HIGH Level
Output Voltage
IOUT = −50µA
3.0
2.99
2.9
2.9
V
4.5
4.49
4.4
4.4
5.5
5.49
5.4
5.4
VIN = VIL or VIH
IOH = −12mA
3.0
2.56
2.46
IOH = −24mA
4.5
3.86
3.76
IOH = −24mA
(2)
5.5
4.86
4.76
VOL
Maximum LOW Level
Output Voltage
IOUT = 50µA
3.0
0.002
0.1
0.1
V
4.5
0.001
0.1
0.1
5.5
0.001
0.1
0.1
VIN = VIL or VIH
IOL = 12mA
3.0
0.36
0.44
IOL = 24mA
4.5
0.36
0.44
IOL = 24mA
(2)
5.5
0.36
0.44
IIN
(4)
Maximum Input
Leakage Current
VI = VCC, GND
5.5
± 0.1
±1.0
µA
IOZ
Maximum 3-STATE
Leakage Current
VI (OE) = VIL, VIH
VI = VCC, GND
VO = VCC, GND
5.5
±0.25
±2.5
µA
IOLD
Minimum Dynamic
Output Current(3)
VOLD = 1.65V Max
5.5
75
mA
IOHD
VOHD = 3.85V Min
5.5
−75
mA
ICC
(4)
Maximum Quiescent
Supply Current
VIN = VCC or GND
5.5
4.0
40.0
µA


Similar Part No. - 74AC240SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC240SC FAIRCHILD-74AC240SC Datasheet
88Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC240SC FAIRCHILD-74AC240SC Datasheet
340Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
74AC240SC ONSEMI-74AC240SC Datasheet
337Kb / 13P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.2.0
More results

Similar Description - 74AC240SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
MC74ACT241 ONSEMI-MC74ACT241_15 Datasheet
89Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 6
logo
Fairchild Semiconductor
74AC540 FAIRCHILD-74AC540_05 Datasheet
97Kb / 7P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244 Datasheet
91Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
May, 2001 ??Rev. 5
74AC244 ONSEMI-74AC244 Datasheet
396Kb / 14P
   Octal Buffer/Line Driver with 3-STATE Outputs
January 2008 Rev. 1.4.0
74VHC240 ONSEMI-74VHC240 Datasheet
263Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
April 2007 Rev. 1.3
logo
Fairchild Semiconductor
74ABT240 FAIRCHILD-74ABT240 Datasheet
105Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74ABT244 FAIRCHILD-74ABT244 Datasheet
125Kb / 11P
   Octal Buffer/Line Driver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com