Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BAW56LT1 Datasheet(PDF) 2 Page - ON Semiconductor

Part # BAW56LT1
Description  Dual Switching Diode Common Anode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAW56LT1 Datasheet(HTML) 2 Page - ON Semiconductor

  BAW56LT1 Datasheet HTML 1Page - ON Semiconductor BAW56LT1 Datasheet HTML 2Page - ON Semiconductor BAW56LT1 Datasheet HTML 3Page - ON Semiconductor BAW56LT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BAW56LT1
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Each Diode)
Characteristic
Symbol
Min
Max
Unit
Reverse Breakdown Voltage
(I(BR) = 100 mA)
V(BR)
70
V
Reverse Voltage Leakage Current
(VR = 25 V, TJ = 150°C)
(VR = 70 V)
(VR = 70 V, TJ = 150°C)
IR
30
2.5
50
mA
Diode Capacitance
(VR = 0 V, f = 1.0 MHz)
CD
2.0
pF
Forward Voltage
(IF = 1.0 mA)
(IF = 10 mA)
(IF = 50 mA)
(IF = 150 mA)
VF
715
855
1000
1250
mV
Reverse Recovery Time
(IF = IR = 10 mA, IR(REC) = 1.0 mA) (Figure 1)
RL = 100 W
trr
6.0
ns
Notes: 1. A 2.0 k
W variable resistor adjusted for a Forward Current (IF) of 10 mA.
Notes: 2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
Notes: 3. tp » trr
+10 V
2.0 k
820 W
0.1 mF
D.U.T.
VR
100 mH
0.1 mF
50 W OUTPUT
PULSE
GENERATOR
50 W INPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1.0 mA
OUTPUT PULSE
(IF = IR = 10 mA; MEASURED
at iR(REC) = 1.0 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit


Similar Part No. - BAW56LT1

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAW56LT1 MOTOROLA-BAW56LT1 Datasheet
82Kb / 4P
   Monolithic Dual Switching Diode Common Anode
logo
Leshan Radio Company
BAW56LT1 LRC-BAW56LT1 Datasheet
54Kb / 2P
   Monolithic Dual Switching Diode Common Anode
logo
TRANSYS Electronics Lim...
BAW56LT1 TEL-BAW56LT1 Datasheet
59Kb / 1P
   Plastic-Encapsulate Diodes
logo
Silicon Standard Corp.
BAW56LT1 SSC-BAW56LT1 Datasheet
108Kb / 2P
   Switching Diode
logo
ON Semiconductor
BAW56LT1 ONSEMI-BAW56LT1 Datasheet
129Kb / 4P
   Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
More results

Similar Description - BAW56LT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAW56WT1G ONSEMI-BAW56WT1G Datasheet
124Kb / 4P
   Dual Switching Diode, Common Anode
October, 2010 -- Rev. 6
SBAW56LT1G ONSEMI-SBAW56LT1G Datasheet
121Kb / 4P
   Dual Switching Diode Common Anode
September, 2012 ??Rev. 8
BAW56L ONSEMI-BAW56L Datasheet
94Kb / 4P
   Dual Switching Diode Common Anode
October, 2016 ??Rev. 10
BAW56LT1G ONSEMI-BAW56LT1G Datasheet
129Kb / 4P
   Dual Switching Diode Common Anode
August, 2009 ??Rev. 6
BAW56M3T5G ONSEMI-BAW56M3T5G Datasheet
120Kb / 4P
   Dual Switching Diode Common Anode
January, 2009 ??Rev. 0
BAW56WT1 ONSEMI-BAW56WT1 Datasheet
118Kb / 4P
   Dual Switching Diode, Common Anode
February, 2007 ??Rev. 5
M1MA141WAT1 ONSEMI-M1MA141WAT1 Datasheet
46Kb / 4P
   COMMON ANODE DUAL SWITCHING DIODE
July, 2004 ??Rev. 7
SBAW56WT1G ONSEMI-SBAW56WT1G Datasheet
133Kb / 4P
   Dual Switching Diode, Common Anode
November, 2011 ??Rev. 7
BAW56WT1G ONSEMI-BAW56WT1G_16 Datasheet
63Kb / 4P
   Dual Switching Diode, Common Anode
April, 2016 ??Rev. 8
M1MA141WAT1 ONSEMI-M1MA141WAT1_05 Datasheet
51Kb / 4P
   Common Anode Silicon Dual Switching Diode
November, 2005 ??Rev. 8
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com