Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8126-1YDPSR7G Datasheet(PDF) 9 Page - ON Semiconductor

Part # CS8126-1YDPSR7G
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8126-1YDPSR7G Datasheet(HTML) 9 Page - ON Semiconductor

Back Button CS8126-1YDPSR7G Datasheet HTML 4Page - ON Semiconductor CS8126-1YDPSR7G Datasheet HTML 5Page - ON Semiconductor CS8126-1YDPSR7G Datasheet HTML 6Page - ON Semiconductor CS8126-1YDPSR7G Datasheet HTML 7Page - ON Semiconductor CS8126-1YDPSR7G Datasheet HTML 8Page - ON Semiconductor CS8126-1YDPSR7G Datasheet HTML 9Page - ON Semiconductor CS8126-1YDPSR7G Datasheet HTML 10Page - ON Semiconductor CS8126-1YDPSR7G Datasheet HTML 11Page - ON Semiconductor CS8126-1YDPSR7G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CS8126
http://onsemi.com
9
ORDERING INFORMATION
Device
Package
Shipping
CS8126−1YT5
TO−220−5 STRAIGHT
50 Units/Rail
CS8126−1YT5G
TO−220−5 STRAIGHT
(Pb−Free)
50 Units/Rail
CS8126−1YTVA5
TO−220−5 VERTICAL
50 Units/Rail
CS8126−1YTVA5G
TO−220−5 VERTICAL
(Pb−Free)
50 Units/Rail
CS8126−1YTHA5
TO−220−5 HORIZONTAL
50 Units/Rail
CS8126−1YTHA5G
TO−220−5 HORIZONTAL
(Pb−Free)
50 Units/Rail
CS8126−1YTHE5
TO−220−5 SURFACE MOUNT
50 Units/Rail
CS8126−1YTHE5G
TO−220−5 SURFACE MOUNT
(Pb−Free)
50 Units/Rail
CS8126−1YTHER5
TO−220−5 SURFACE MOUNT
750 / Tape & Reel
CS8126−1YTHER5G
TO−220−5 SURFACE MOUNT
(Pb−Free)
750 / Tape & Reel
CS8126−1YDPS7
D2PAK−7
50 Units/Rail
CS8126−1YDPS7G
D2PAK−7
(Pb−Free)
50 Units/Rail
CS8126−1YDPSR7
D2PAK−7
750 / Tape & Reel
CS8126−1YDPSR7G
D2PAK−7
(Pb−Free)
750 / Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifi-
cations Brochure, BRD8011/D.
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Device
TO−220−5
T SUFFIX
CASE 314D
CS
8126
AWLYWWG
1
TO−220−5
TVA SUFFIX
CASE 314K
CS
8126
AWLYWWG
1
TO−220−5
THA SUFFIX
CASE 314A
CS
8126
AWLYWWG
1
TO−220−5
THE SUFFIX
CASE 314J
CS
8126
AWLYWWG
1
D2PAK−7
DPS SUFFIX
CASE 936AB
CS
8126
AWLYWWG
1


Similar Part No. - CS8126-1YDPSR7G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8126-1YT5 CHERRY-CS8126-1YT5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHA5 CHERRY-CS8126-1YTHA5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHE5 CHERRY-CS8126-1YTHE5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHER5 CHERRY-CS8126-1YTHER5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTVA5 CHERRY-CS8126-1YTVA5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results

Similar Description - CS8126-1YDPSR7G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com