Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8126-1YDPS7G Datasheet(PDF) 10 Page - ON Semiconductor

Part # CS8126-1YDPS7G
Description  5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8126-1YDPS7G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button CS8126-1YDPS7G Datasheet HTML 4Page - ON Semiconductor CS8126-1YDPS7G Datasheet HTML 5Page - ON Semiconductor CS8126-1YDPS7G Datasheet HTML 6Page - ON Semiconductor CS8126-1YDPS7G Datasheet HTML 7Page - ON Semiconductor CS8126-1YDPS7G Datasheet HTML 8Page - ON Semiconductor CS8126-1YDPS7G Datasheet HTML 9Page - ON Semiconductor CS8126-1YDPS7G Datasheet HTML 10Page - ON Semiconductor CS8126-1YDPS7G Datasheet HTML 11Page - ON Semiconductor CS8126-1YDPS7G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
CS8126
http://onsemi.com
10
PACKAGE DIMENSIONS
TO−220−5
T SUFFIX
CASE 314D−04
ISSUE E
−Q−
1234 5
U
K
D
G
A
B
5 PL
J
H
L
E
C
M
Q
M
0.356 (0.014)
T
SEATING
PLANE
−T−
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.572
0.613 14.529 15.570
B
0.390
0.415
9.906 10.541
C
0.170
0.180
4.318
4.572
D
0.025
0.038
0.635
0.965
E
0.048
0.055
1.219
1.397
G
0.067 BSC
1.702 BSC
H
0.087
0.112
2.210
2.845
J
0.015
0.025
0.381
0.635
K
0.990
1.045 25.146 26.543
L
0.320
0.365
8.128
9.271
Q
0.140
0.153
3.556
3.886
U
0.105
0.117
2.667
2.972
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D INCLUDING PROTRUSION SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.
TO−220−5
TVA SUFFIX
CASE 314K−01
ISSUE O
K
F
U
A
B
G
M
0.356 (0.014)
Q M
T
J
L
E
C
R
SEATING
PLANE
5 PL
D
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.
3. DIMENSION D DOES NOT INCLUDE
INTERCONNECT BAR (DAMBAR) PROTRUSION.
DIMENSION D, INCLUDING PROTRUSION, SHALL
NOT EXCEED 10.92 (0.043) MAXIMUM.
12 345
−T−
M
W
S
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.560
0.590
14.22
14.99
B
0.385
0.415
9.78
10.54
C
0.160
0.190
4.06
4.83
D
0.027
0.037
0.69
0.94
E
0.045
0.055
1.14
1.40
F
0.530
0.545
13.46
13.84
G
0.067 BSC
1.70 BSC
J
0.014
0.022
0.36
0.56
K
0.785
0.800
19.94
20.32
L
0.321
0.337
8.15
8.56
M
0.063
0.078
1.60
1.98
Q
0.146
0.156
3.71
3.96
R
0.271
0.321
6.88
8.15
S
0.146
0.196
3.71
4.98
U
0.460
0.475
11.68
12.07
W
5
5
__
−Q−


Similar Part No. - CS8126-1YDPS7G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8126-1YT5 CHERRY-CS8126-1YT5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHA5 CHERRY-CS8126-1YTHA5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHE5 CHERRY-CS8126-1YTHE5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTHER5 CHERRY-CS8126-1YTHER5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
CS8126-1YTVA5 CHERRY-CS8126-1YTVA5 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
More results

Similar Description - CS8126-1YDPS7G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
CS8122 ONSEMI-CS8122 Datasheet
100Kb / 10P
   2.0% 5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
June, 2006 ??Rev. 7
CS8129 ONSEMI-CS8129 Datasheet
114Kb / 11P
   5.0 V, 750 mA Low Dropout Linear Regulator with Lower RESET Threshold
June, 2006 ??Rev. 8
logo
National Semiconductor ...
LM2925 NSC-LM2925 Datasheet
223Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
HTC Korea TAEJIN Techno...
LM2925 HTC-LM2925 Datasheet
228Kb / 8P
   Low Dropout Regulator with Delayed Reset
logo
Cherry Semiconductor Co...
CS8126 CHERRY-CS8126 Datasheet
207Kb / 9P
   5V, 750mA Low Dropout Linear Regulator with Delayed RESET
logo
National Semiconductor ...
LM2826 NSC-LM2826 Datasheet
319Kb / 9P
   Low Dropout Regulator with Delayed Reset
LM2926 NSC-LM2926 Datasheet
404Kb / 10P
   Low Dropout Regulator with Delayed Reset
logo
ON Semiconductor
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com