Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8161YT5G Datasheet(PDF) 5 Page - ON Semiconductor

Part # CS8161YT5G
Description  12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8161YT5G Datasheet(HTML) 5 Page - ON Semiconductor

  CS8161YT5G Datasheet HTML 1Page - ON Semiconductor CS8161YT5G Datasheet HTML 2Page - ON Semiconductor CS8161YT5G Datasheet HTML 3Page - ON Semiconductor CS8161YT5G Datasheet HTML 4Page - ON Semiconductor CS8161YT5G Datasheet HTML 5Page - ON Semiconductor CS8161YT5G Datasheet HTML 6Page - ON Semiconductor CS8161YT5G Datasheet HTML 7Page - ON Semiconductor CS8161YT5G Datasheet HTML 8Page - ON Semiconductor CS8161YT5G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CS8161
http://onsemi.com
5
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
Temperature (
°C)
Output Current (mA)
Figure 8. Output Voltage vs. Temperature
for VOUT2
Figure 9. Line Regulation vs. Output
Current for VOUT2
3
25
Output Current (mA)
Output Current (mA)
Figure 10. Load Regulation vs. Output
Current for VOUT2
Figure 11. Quiescent Current vs. Output
Current for VOUT2
25
50
8
−40
5.025
5.020
5.015
5.010
5.005
5.000
4.995
4.990
4.985
4.980
4.975
−20
0
20
40
60
80
100 120 140 160
2
1
0
−1
−2
−3
−4
−5
−6
−7
−8
0
50
75
100
125
150
175
200
225 250
6
4
2
0
−2
−4
−6
−8
−10
−12
−14
−16
−18
0
50
75
100
125
150
175
200
225
250
25
0
50
75
100
125
150
175
200
225
250
45
40
35
30
25
20
15
10
5
0
VIN = 11 V
IOUT = 5.0 mA
VIN = 6.0−26V
125
°C
25
°C
−40
°C
VIN = 14 V
125
°C
−40
°C
25
°C
125
°C
25
°C
−40
°C
VIN = 14 V
No Load on VOUT1
75
Output Current (mA)
Output Current (mA)
Figure 12. Dropout Voltage vs. Output
Current for VOUT2
Figure 13. Quiescent Current vs. Output
Current @ Dropout for VOUT2
60
25
800
750
700
650
600
550
500
450
400
350
300
250
200
150
100
50
0
0
25
50
100 125
150
175
200
225
250
55
50
45
40
35
30
25
20
15
10
5
0
0
50
75
100
125
150
175 200
225 250
VIN = 4.0 V
No Load on VOUT1
125
°C
−40
°C
25
°C
25
°C
125
°C
−40
°C
VIN = 4.0 V


Similar Part No. - CS8161YT5G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8161YT5 CHERRY-CS8161YT5 Datasheet
198Kb / 8P
   12V, 5V Low Dropout Dual Regulator with ENABLE
More results

Similar Description - CS8161YT5G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS8156 ONSEMI-CS8156 Datasheet
94Kb / 11P
   12 V, 5.0 V Low Dropout Dual Regulator with ENABLE
February, 2006 ??Rev. 8
CS8147 ONSEMI-CS8147 Datasheet
85Kb / 12P
   10 V/5.0 V Low Dropout Dual Regulator with ENABLE
January, 2001 ??Rev. 6
CS8361 ONSEMI-CS8361 Datasheet
163Kb / 8P
   5.0 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
October, 2009 ??Rev. 17
CS8481 ONSEMI-CS8481 Datasheet
50Kb / 6P
   3.3 V/250 mA, 5.0 V/100 mA Micropower Low Dropout Regulator with ENABLE
January, 2004 ??Rev. 9
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS8363 ONSEMI-CS8363 Datasheet
69Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
January, 2004 ??Rev. 9
CS8363 ONSEMI-CS8363_05 Datasheet
64Kb / 8P
   3.3 V Dual Micropower Low Dropout Regulator with ENABLE and RESET
March, 2005 ??Rev. 10
logo
Allegro MicroSystems
SI-3050KM ALLEGRO-SI-3050KM Datasheet
350Kb / 9P
   1 A, Low-Dropout, 5.0 V Regulator
logo
ON Semiconductor
NCV4275A ONSEMI-NCV4275A Datasheet
170Kb / 19P
   5.0 V, 3.3 V 450 mA Low-Dropout Voltage Regulator with Reset
April, 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com