Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS8120YTVA5 Datasheet(PDF) 6 Page - ON Semiconductor

Part # CS8120YTVA5
Description  5.0 V, 300 mA Linear Regulator with RESET and ENABLE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS8120YTVA5 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS8120YTVA5 Datasheet HTML 2Page - ON Semiconductor CS8120YTVA5 Datasheet HTML 3Page - ON Semiconductor CS8120YTVA5 Datasheet HTML 4Page - ON Semiconductor CS8120YTVA5 Datasheet HTML 5Page - ON Semiconductor CS8120YTVA5 Datasheet HTML 6Page - ON Semiconductor CS8120YTVA5 Datasheet HTML 7Page - ON Semiconductor CS8120YTVA5 Datasheet HTML 8Page - ON Semiconductor CS8120YTVA5 Datasheet HTML 9Page - ON Semiconductor CS8120YTVA5 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
CS8120
http://onsemi.com
6
CIRCUIT DESCRIPTION
VOLTAGE REFERENCE AND OUTPUT CIRCUITRY
Precision Voltage Reference
The regulated output voltage depends on the precision band
gap voltage reference in the IC. By adding an error amplifier
into the feedback loop, the output voltage is maintained
within
±4.0% over temperature and supply variation.
Output Stage
The composite PNP−NPN output structure (Figure 9)
provides 300 mA (Typ) of output current while maintaining
a low drop out voltage (1.00 V, Typ) and drawing little
quiescent current (2.5 mA). The NPN pass device prevents
deep saturation of the output stage which in turn improves
the IC’s efficiency by preventing excess current from being
used and dissipated by the IC.
Figure 9. Composite Output Stage of the CS8120
VIN
VOUT
Output Stage Protection
The output stage is protected against overvoltage, short
circuit and thermal runaway conditions (Figure 10).
Figure 10. Typical Circuit Waveforms for
Output Stage Protection
IOUT
Load
Dump
VIN
VOUT
Thermal
Shutdown
Short
Circuit
> 26 V
If the input voltage rises above 26 V (e.g. load dump), the
output shuts down. This response protects the internal
circuitry and enables the IC to survive unexpected voltage
transients.
Using an emitter sense scheme, the amount of current
through the NPN pass transistor is monitored. Feedback
circuitry insures that the output current never exceeds a
preset limit.
Should the junction temperature of the power device
exceed 180
°C (Typ) the power transistor is turned off.
Thermal shutdown is an effective means to prevent die
overheating since the power transistor is the principle heat
source in the IC.
REGULATOR CONTROL FUNCTIONS
The CS8120 contains two microprocessor compatible
control functions: ENABLE and RESET (Figure 11).
ENABLE Function
The ENABLE function switches the output transistor.
When the voltage on the ENABLE lead exceeds 2.9 V Typ,
the output pass transistor turns off, leaving a high impedance
facing the load. The IC will remain in Sleep mode, drawing
only 250
mA, until the voltage on the lead drops below 2.1
V Typ. Hysteresis (800 mV) is built into the ENABLE
function to provide good noise immunity.
Figure 11. Circuit Waveform for CS8120
(1) = No Reset Delay Capacitor
VIN
VOUT
ENABLE
RESET
(2) = With Reset Delay Capacitor
VRLO
VRPEAK
VRPEAK
For 7.0 V < VIN < 26 V
VIN(H)
VRH
VRL
(1)
(2)
RESET Function
A RESET signal (low voltage) is generated as the IC
powers up (VOUT > VOUT − 100 mV) or when VOUT drops
out of regulation (VOUT < VOUT − 140 mV, Typ). 40 mV of
hysteresis is included in the function to minimize
oscillations.
The RESET output is an open collector NPN transistor,
controlled by a low voltage detection circuit. The circuit is


Similar Part No. - CS8120YTVA5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8120YTVA5 CHERRY-CS8120YTVA5 Datasheet
198Kb / 8P
   5V, 300mA Linear Regulator with and ENABLE RESET
More results

Similar Description - CS8120YTVA5

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV8141 ONSEMI-NCV8141_06 Datasheet
116Kb / 14P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
December, 2006 ??Rev. 10
NCV8141 ONSEMI-NCV8141 Datasheet
89Kb / 12P
   5.0 V, 500 mA Linear Regulator with ENABLE, RESET, and Watchdog
August, 2004 ??Rev. 5
CS8101 ONSEMI-CS8101_09 Datasheet
149Kb / 11P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
September, 2008 ??Rev. 19
CS8101 ONSEMI-CS8101 Datasheet
127Kb / 13P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator with RESET and ENABLE
February, 2006 ??Rev. 18
CS5112 ONSEMI-CS5112 Datasheet
121Kb / 13P
   1.4 A Switching Regulator with 5.0 V, 100 mA Linear Regulator with Watchdog, RESET and ENABLE
October, 2005 ??Rev. 7
CS2001 ONSEMI-CS2001 Datasheet
77Kb / 8P
   1.2 A Switching Regulator, and 5.0 V, 100 mA Linear Regulator with RESET
December, 2000 ??Rev. 5
CS8126 ONSEMI-CS8126 Datasheet
121Kb / 12P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
February, 2006 ??Rev. 16
CS8126 ONSEMI-CS8126_09 Datasheet
167Kb / 9P
   5.0 V, 750 mA Low Dropout Linear Regulator with Delayed RESET
October, 2009 ??Rev. 18
logo
Texas Instruments
LP3996-Q1 TI1-LP3996-Q1 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
LP3996-Q1 TI1-LP3996-Q1_15 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Linear Regulator with 300 mA and 150 mA Outputs and Power-On-Reset
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com