Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74VCXH16374DTR Datasheet(PDF) 6 Page - ON Semiconductor

Part # 74VCXH16374DTR
Description  Low?뭋oltage 1.8/2.5/3.3V 16-Bit D?뭈ype Flip?묯lop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH16374DTR Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74VCXH16374DTR Datasheet HTML 2Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 3Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 4Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 5Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 6Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 7Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 8Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 9Page - ON Semiconductor 74VCXH16374DTR Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74VCXH16374
http://onsemi.com
6
DYNAMIC SWITCHING CHARACTERISTICS
TA = +255C
Symbol
Characteristic
Condition
Typ
Unit
VOLP
Dynamic LOW Peak Voltage
VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V
0.25
V
(Note 9)
VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V
0.6
VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V
0.8
VOLV
Dynamic LOW Valley Voltage
VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V
−0.25
V
(Note 9)
VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V
−0.6
VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V
−0.8
VOHV
Dynamic HIGH Valley Voltage
VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V
1.5
V
(Note 10)
VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V
1.9
VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V
2.2
9. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
10.Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the HIGH state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
Note 11
6
pF
COUT
Output Capacitance
Note 11
7
pF
CPD
Power Dissipation Capacitance
Note 11, 10 MHz
20
pF
11. VCC = 1.8 V, 2.5 V or 3.3 V; VI = 0 V or VCC.


Similar Part No. - 74VCXH16374DTR

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74VCXH16374 FAIRCHILD-74VCXH16374 Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74VCXH16374 STMICROELECTRONICS-74VCXH16374 Datasheet
285Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74VCXH16374GX FAIRCHILD-74VCXH16374GX Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
74VCXH16374MTD FAIRCHILD-74VCXH16374MTD Datasheet
174Kb / 11P
   Low Voltage 16-Bit D-Type Flip-Flop with Bushold
logo
STMicroelectronics
74VCXH16374TTR STMICROELECTRONICS-74VCXH16374TTR Datasheet
285Kb / 12P
   LOW VOLTAGE CMOS 16-BIT D-TYPE FLIP-FLOP (3-STATE)WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - 74VCXH16374DTR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
74VCX16374 ONSEMI-74VCX16374 Datasheet
241Kb / 11P
   Low?뭋oltage 1.8/2.5/3.3V 16?묪it D?뭈ype Flip?묯lop With 3.6 V?뭈olerant Inputs and Outputs
June, 2006 ??Rev. 6
MC74LCX16374 ONSEMI-MC74LCX16374 Datasheet
99Kb / 8P
   Low?뭋oltage CMOS 16?묪it D?뭈ype Flip?묯lop With 5 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
August, 2005 ??Rev. 6
74ALVCH16374 ONSEMI-74ALVCH16374 Datasheet
275Kb / 10P
   Low?뭋oltage 16?묪it D?뭈ype Flip?묯lop
June, 2006 ??Rev. 3
74VCX16245 ONSEMI-74VCX16245 Datasheet
94Kb / 8P
   Low - Voltage 1.8 / 2.5 / 3.3V 16-Bit Transceiver With 3.6 V?뭈olerant Inputs and Outputs (3?뭆tate, Non?묲nverting)
May, 2004 ??Rev. 4
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162374FT TOSHIBA-TC74VCX162374FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
logo
STMicroelectronics
54VCXH162374 STMICROELECTRONICS-54VCXH162374_11 Datasheet
496Kb / 18P
   Rad hard low voltage CMOS 16-bit d-type flip-flop (3-state) with 3.6 V tolerant inputs and outputs
54VCXH162244 STMICROELECTRONICS-54VCXH162244_11 Datasheet
457Kb / 18P
   Low voltage CMOS 16-bit bus buffer (3-state non inverter) with 3.6 V tolerant inputs and outputs
74LCX574 STMICROELECTRONICS-74LCX574 Datasheet
264Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
74LCX374 STMICROELECTRONICS-74LCX374_04 Datasheet
277Kb / 13P
   OCTAL D-TYPE FLIP FLOP NON-INVERTING (3-STATE) WITH 5V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com