Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

74VCXH16374 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. 74VCXH16374
Description  Low−Voltage 1.8/2.5/3.3V 16-Bit D−Type Flip−Flop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74VCXH16374 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button 74VCXH16374 Datasheet HTML 2Page - ON Semiconductor 74VCXH16374 Datasheet HTML 3Page - ON Semiconductor 74VCXH16374 Datasheet HTML 4Page - ON Semiconductor 74VCXH16374 Datasheet HTML 5Page - ON Semiconductor 74VCXH16374 Datasheet HTML 6Page - ON Semiconductor 74VCXH16374 Datasheet HTML 7Page - ON Semiconductor 74VCXH16374 Datasheet HTML 8Page - ON Semiconductor 74VCXH16374 Datasheet HTML 9Page - ON Semiconductor 74VCXH16374 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74VCXH16374
http://onsemi.com
6
DYNAMIC SWITCHING CHARACTERISTICS
TA = +255C
Symbol
Characteristic
Condition
Typ
Unit
VOLP
Dynamic LOW Peak Voltage
VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V
0.25
V
(Note 9)
VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V
0.6
VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V
0.8
VOLV
Dynamic LOW Valley Voltage
VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V
−0.25
V
(Note 9)
VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V
−0.6
VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V
−0.8
VOHV
Dynamic HIGH Valley Voltage
VCC = 1.8 V, CL = 30 pF, VIH = VCC, VIL = 0 V
1.5
V
(Note 10)
VCC = 2.5 V, CL = 30 pF, VIH = VCC, VIL = 0 V
1.9
VCC = 3.3 V, CL = 30 pF, VIH = VCC, VIL = 0 V
2.2
9. Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the LOW state.
10.Number of outputs defined as “n”. Measured with “n−1” outputs switching from HIGH−to−LOW or LOW−to−HIGH. The remaining output is
measured in the HIGH state.
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
Note 11
6
pF
COUT
Output Capacitance
Note 11
7
pF
CPD
Power Dissipation Capacitance
Note 11, 10 MHz
20
pF
11. VCC = 1.8 V, 2.5 V or 3.3 V; VI = 0 V or VCC.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn