Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

74VCXH16374 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. 74VCXH16374
Description  Low−Voltage 1.8/2.5/3.3V 16-Bit D−Type Flip−Flop With 3.6 V-Tolerant Inputs and Outputs (3-State, Non-Inverting)
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

74VCXH16374 Datasheet(HTML) 5 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74VCXH16374
http://onsemi.com
5
AC CHARACTERISTICS (Note 6; tR = tF = 2.0 ns; CL = 30 pF; RL = 500 W)
TA = −40°C to +85°C
VCC = 3.0 V to 3.6 V VCC = 2.3 V to 2.7 V
VCC = 1.65 V to 1.95 V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Min
Max
Unit
fmax
Clock Pulse Frequency
1
250
200
100
MHz
tPLH
tPHL
Propagation Delay
CP−to−On
1
0.8
0.8
3.0
3.0
1.0
1.0
3.9
3.9
1.5
1.5
7.8
7.8
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
2
0.8
0.8
3.5
3.5
1.0
1.0
4.6
4.6
1.5
1.5
9.2
9.2
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
2
0.8
0.8
3.5
3.5
1.0
1.0
3.8
3.8
1.5
1.5
6.8
6.8
ns
ts
Setup Time, High or Low
Dn−to−CP
3
1.5
1.5
2.5
ns
th
Hold Time, High or Low
Dn−to−CP
3
1.0
1.0
1.0
ns
tw
CP Pulse Width, High
3
1.5
1.5
4.0
ns
tOSHL
tOSLH
Output−to−Output Skew
(Note 7)
0.5
0.5
0.5
0.5
0.75
0.75
ns
6. For CL = 50 pF, add approximately 300 ps to the AC maximum specification.
7. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.
AC CHARACTERISTICS (tR = tF = 2.0 ns; CL = 50 pF; RL = 500 W)
TA = −40°C to +85°C
VCC = 3.0 V to 3.6 V
VCC = 2.7 V
Symbol
Parameter
Waveform
Min
Max
Min
Max
Unit
fmax
Clock Pulse Frequency
4
150
150
MHz
tPLH
tPHL
Propagation Delay
CP−to−On
4
1.0
1.0
4.2
4.2
4.9
4.9
ns
tPZH
tPZL
Output Enable Time to
High and Low Level
5
1.0
1.0
4.8
4.8
5.9
5.9
ns
tPHZ
tPLZ
Output Disable Time From
High and Low Level
5
1.0
1.0
4.3
4.3
4.7
4.7
ns
tOSHL
tOSLH
Output−to−Output Skew
(Note 8)
0.5
0.5
0.5
0.5
ns
8. Skew is defined as the absolute value of the difference between the actual propagation delay for any two separate outputs of the same device.
The specification applies to any outputs switching in the same direction, either HIGH−to−LOW (tOSHL) or LOW−to−HIGH (tOSLH); parameter
guaranteed by design.


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn