Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI90LVB16 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI90LVB16
Description  3V Bus LVDS 1-to-6 Clock Buffer/Bus Transceiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI90LVB16 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI90LVB16 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI90LVB16 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI90LVB16 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI90LVB16 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI90LVB16 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI90LVB16 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI90LVB16 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI90LVB16 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI90LVB16 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
4
PS8536A
05/21/01
PI90LVB16
3V Bus LVDS 1-to-6
Clock Buffer/Bus Transceiver
DCElectricalCharacteristics
Over Supply Voltage and Operating Temperature ranges, unless otherwise specificed(3,4)
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Ps
n
o
it
i
d
n
o
Cn
i
P.
n
i
M.
p
y
T.
x
a
Ms
ti
n
U
V H
T
h
g
i
H
d
l
o
h
s
e
r
h
T
t
u
p
n
I
,
+
O
/I
K
L
C
–
O
/I
K
L
C
5
25
7
V
m
V L
T
w
o
L
d
l
o
h
s
e
r
h
T
t
u
p
n
I
0
7
–5
3
–
R
M
C
V
e
g
a
tl
o
V
e
d
o
M
n
o
m
m
o
C
e
g
n
a
R
)
5
(
k
a
e
p
-
o
t
-
k
a
e
p
V
m
0
5
2
=
D
I
V
V D
I  2
/
–
8
.
2
V D
I  2
/
V
I N
I
t
n
e
rr
u
C
t
u
p
n
I
V N
I
V
o
t
V
O
=
C
C
V
=
E
D
,
C
C
V
=
E
O
,
C
C ,
V
m
0
5
±
V
2
.
1
=
t
u
p
n
I
r
e
h
t
O
0
1
–5
±0
1
+A
µ
V
R
1
H
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OI
,
V
m
0
5
2
=
D
I
V
H
O
A
m
0
.
1
–
=
K
L
C
T
U
O
V C
C
2
.
0
–9
.
2
V
V
R
2
H
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
OI
,
V
m
0
5
2
=
D
I
V
H
O
A
m
6
–
=V C
C
6
.
0
–5
.
2
V
R
1
L
O
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
I L
O
V
m
0
5
2
–
=
D
I
V
,
A
m
0
.
1
=
4
0
.
01
.
0
V
R
2
L
O
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O
I L
O
V
m
0
5
2
–
=
D
I
V
,
A
m
6
=
02
2
.
04
.
0
I
R
H
D
O
K
L
C
T
U
O
ci
m
a
n
y
D
t
n
e
rr
u
C
t
u
p
t
u
O
)
6
(
V
,
V
m
0
5
2
+
=
D
I
V
T
U
O
V
=
C
C
V
1
–
6
1
–4
2
–4
3
–
A
m
I
R
L
D
O
V
,
V
m
0
5
2
–
=
D
I
V
T
U
O
V
1
=
4
15
25
.
7
3
V H
I
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I
,
E
O
,
E
D
K
L
C
d
r
C
N
I
0
.
2V C
C
V
V L
I
e
g
a
tl
o
V
w
o
L
t
u
p
n
I
D
N
G8
.
0
I H
I
t
n
e
rr
u
C
h
g
i
H
t
u
p
n
I
V N
I
V
=
C
C
V
4
.
2
r
o
E
D
,
E
O
6
–4
6
A
µ
I L
I
t
n
e
rr
u
C
w
o
L
t
u
p
n
I
V N
I
V
4
.
0
r
o
D
N
G
=
0
2
–1
10
2
+
I
D
R
C
N
I
t
n
e
rr
u
C
t
u
p
n
I
V N
I
V
o
t
V
0
=
C
C
V
=
E
O
,
C
C
K
L
C
d
r
C
N
I
5
–5
V L
C
p
m
al
C
e
g
a
tl
o
V
t
u
p
n
I
I T
U
O
A
m
5
.
1
–
=,
E
D
,
E
O
K
L
C
d
r
C
N
I
8
.
0
–V
I C
C
y
l
p
p
u
S
d
a
o
L
o
N
t
n
e
rr
u
C
,
d
el
b
a
n
E
st
u
p
t
u
O
d
ei
l
p
p
A
D
I
V
o
N
,
V
0
=
E
D
=
E
O
K
L
C
d
r
C
N
I
V
=
C
C
,
D
N
G
r
o
n
e
p
O
=
)
±
(
O
/I
K
L
C
K
L
C
T
U
O
ti
u
c
ri
C
n
e
p
O
=
)
5
:
0
(
V C
C
0
1
A
m
I 1
C
C
y
l
p
p
u
S
d
a
o
L
o
N
t
n
e
rr
u
C
,
d
el
b
a
n
E
st
u
p
t
u
O
n
o
m
m
o
C
r
e
v
o
D
I
V
e
g
n
a
R
e
g
a
tl
o
V
V
=
E
D
,
D
N
G
=
E
O
C
C ,
K
L
C
d
r
C
N
I
V
=
C
C
,
D
N
G
r
o
)
V
5
7
2
.
2
M
C
V
V
5
2
1
.
0
(
V
m
0
5
2
=
D
I
V
K
L
C
T
U
O
ti
u
c
ri
C
n
e
p
O
=
)
5
:
0
(
6
I D
C
C
y
l
p
p
u
S
d
e
d
a
o
L
r
e
v
ir
D
t
n
e
rr
u
C
,
V
0
=
E
O
=
E
D
K
L
C
d
r
C
N
I
V
=
C
C
,
D
N
G
r
o
RL
5
.
7
3
=
+
O
/I
K
L
C
n
e
e
w
t
e
b
K
L
C
,
–
O
/I
K
L
C
d
n
a
T
U
O
ti
u
c
ri
C
n
e
p
O
=
)
5
:
0
(
6
11
2


Similar Part No. - PI90LVB16

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI90LVB179 PERICOM-PI90LVB179 Datasheet
230Kb / 14P
   3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
PI90LVB179U PERICOM-PI90LVB179U Datasheet
230Kb / 14P
   3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
PI90LVB179W PERICOM-PI90LVB179W Datasheet
230Kb / 14P
   3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
PI90LVB180 PERICOM-PI90LVB180 Datasheet
230Kb / 14P
   3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
PI90LVB180L PERICOM-PI90LVB180L Datasheet
230Kb / 14P
   3.3V Boost LVDS High-Speed Differential Line Drivers and Receivers
More results

Similar Description - PI90LVB16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92CK16 TI1-DS92CK16_14 Datasheet
919Kb / 17P
[Old version datasheet]   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
National Semiconductor ...
DS92CK16 NSC-DS92CK16 Datasheet
165Kb / 11P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
DS92CK16 NSC-DS92CK16_06 Datasheet
580Kb / 12P
   3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Tyco Electronics
DS92CK16TMTCX MACOM-DS92CK16TMTCX Datasheet
916Kb / 17P
   DS92CK16 3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
logo
Pericom Semiconductor C...
PI90LVB010 PERICOM-PI90LVB010 Datasheet
460Kb / 9P
   Single Bus LVDS Transceiver
PI90LV019 PERICOM-PI90LV019 Datasheet
432Kb / 9P
   Single Bus LVDS Transceiver
logo
Maxim Integrated Produc...
MAX9157 MAXIM-MAX9157 Datasheet
357Kb / 16P
   Quad Bus LVDS Transceiver
19-2287; Rev 0; 1/02
logo
Integrated Device Techn...
IDT5T9306 IDT-IDT5T9306_12 Datasheet
163Kb / 17P
   2.5V LVDS 1:6 Clock Buffer Terabuffer
IDT8R9306I IDT-IDT8R9306I Datasheet
654Kb / 19P
   2.5V LVDS, 1:6 Clock Buffer Terabuffer
logo
National Semiconductor ...
DS92LV040A NSC-DS92LV040A Datasheet
220Kb / 12P
   4 Channel Bus LVDS Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com